Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F1507-E/SS. Datasheet(PDF) 119 Page - Microchip Technology

Part # PIC16F1507-E/SS.
Description  20-Pin Flash, 8-Bit Microcontrollers
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1507-E/SS. Datasheet(HTML) 119 Page - Microchip Technology

Back Button PIC16F1507-E/SS. Datasheet HTML 115Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 116Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 117Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 118Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 119Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 120Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 121Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 122Page - Microchip Technology PIC16F1507-E/SS. Datasheet HTML 123Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 278 page
background image
 2011-2015 Microchip Technology Inc.
DS40001586D-page 119
PIC16(L)F1507
TABLE 15-1:
ADC CLOCK PERIOD (TAD) VS. DEVICE OPERATING FREQUENCIES
FIGURE 15-2:
ANALOG-TO-DIGITAL CONVERSION TAD CYCLES
ADC Clock Period (TAD)
Device Frequency (FOSC)
ADC
Clock
Source
ADCS<2:0
>
20 MHz
16 MHz
8 MHz
4 MHz
1 MHz
Fosc/2
000
100 ns
125 ns
250 ns
500 ns
2.0
s
Fosc/4
100
200 ns
250 ns
500 ns
1.0
s4.0 s
Fosc/8
001
400 ns
500 ns
1.0
s2.0 s
8.0
s
Fosc/16
101
800 ns
1.0
s2.0 s4.0 s
16.0
s
Fosc/32
010
1.6
s2.0 s4.0 s
8.0
s
32.0
s
Fosc/64
110
3.2
s4.0 s
8.0
s
16.0
s
64.0
s
FRC
x11
1.0-6.0
s
1.0-6.0
s
1.0-6.0
s
1.0-6.0
s
1.0-6.0
s
Legend:
Shaded cells are outside of recommended range.
Note:
The TAD period when using the FRC clock source can fall within a specified range, (see TAD parameter).
The TAD period when using the FOSC-based clock source can be configured for a more precise TAD period.
However, the FRC clock source must be used when conversions are to be performed with the device in
Sleep mode.
TAD1TAD2TAD3TAD4TAD5TAD6TAD7TAD8TAD9TAD10
TAD11
SetGObit
Conversion Starts
Holding capacitor disconnected
from analog input (THCD).
On the following cycle:
ADRESH:ADRESL is loaded,
GO bit is cleared,
ADIF bit is set,
holding capacitor is reconnected to analog input.
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Enable ADC (ADON bit)
and
Select channel (ACS bits)
THCD
TACQ
Rev. 10-000035A
7/30/2013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com