Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MM0016GPL028 Datasheet(PDF) 23 Page - Microchip Technology

Part # PIC32MM0016GPL028
Description  32-Bit Flash Microcontroller with MIPS32® microAptiv™ UC Core with Low Power and Low Pin Count
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MM0016GPL028 Datasheet(HTML) 23 Page - Microchip Technology

Back Button PIC32MM0016GPL028 Datasheet HTML 19Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 20Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 21Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 22Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 23Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 24Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 25Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 26Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 268 page
background image
 2015-2016 Microchip Technology Inc.
DS60001324B-page 23
PIC32MM0064GPL036 FAMILY
3.0
CPU
The MIPS32® microAptiv™ UC microprocessor core is
the heart of the PIC32MM0064GPL036 family devices.
The
CPU
fetches
instructions,
decodes
each
instruction, fetches source operands, executes each
instruction and writes the results of the instruction
execution to the proper destinations.
3.1
Features
The PIC32MM0064GPL036 family processor core key
features include:
• 5-Stage Pipeline
• 32-Bit Address and Data Paths
• MIPS32 Enhanced Architecture:
- Multiply-add and multiply-subtract instructions
- Targeted multiply instruction
- Zero and one detect instructions
- WAIT instruction
- Conditional move instructions
- Vectored interrupts
- Atomic interrupt enable/disable
- One GPR shadow set to minimize latency of
interrupts
- Bit field manipulation instructions
• microMIPS™ Instruction Set:
- microMIPS allows improving the code size
density over MIPS32, while maintaining
MIPS32 performance.
- microMIPS supports all MIPS32 instructions
(except for branch-likely instructions) with
new optimized 32-bit encoding. Frequent
MIPS32 instructions are available as 16-bit
instructions.
- Added seventeen new and thirty-five
MIPS32® corresponding commonly used
instructions in 16-bit opcode format.
- Stack Pointer implicit in instruction.
- MIPS32 assembly and ABI compatible.
• Memory Management Unit with Simple Fixed
Mapping Translation (FMT) Mechanism
• Multiply/Divide Unit (MDU):
- Configurable using high-performance
multiplier array.
- Maximum issue rate of one 32x16 multiply
per clock.
- Maximum issue rate of one 32x32 multiply
every other clock.
- Early-in iterative divide. Minimum 11 and
maximum 33 clock latency (dividend (rs) sign
extension dependent).
• Power Control:
- No minimum frequency: 0 MHz.
- Power-Down mode (triggered by WAIT
instruction).
• EJTAG Debug/Profiling:
- CPU control with start, stop and single
stepping.
- Software breakpoints via the SDBBP
instruction.
- Optional simple hardware breakpoints on
virtual addresses, 4 instruction and 2 data
breakpoints.
- PC and/or load/store address sampling for
profiling.
- Performance counters.
- Supports Fast Debug Channel (FDC).
A block diagram of the PIC32MM0064GPL036 family
processor core is shown in Figure 3-1.
Note:
This data sheet summarizes the features
of the PIC32MM0064GPL036 family of
devices. It is not intended to be a
comprehensive reference source. To
complement the information in this data
sheet, refer to Section 50. “CPU for
Devices with MIPS32® microAptiv™
and M-Class Cores”
(DS60001192) in
the “PIC32 Family Reference Manual”,
which is available from the Microchip
web site (www.microchip.com/PIC32).
MIPS32® microAptiv™ UC microproces-
sor core resources are available at:
www.imgtec.com. The information in this
data sheet supersedes the information in
the FRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com