Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MM0016GPL028 Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC32MM0016GPL028
Description  32-Bit Flash Microcontroller with MIPS32® microAptiv™ UC Core with Low Power and Low Pin Count
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MM0016GPL028 Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC32MM0016GPL028 Datasheet HTML 12Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 13Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 14Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 15Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 16Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 17Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 18Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 19Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 268 page
background image
PIC32MM0064GPL036 FAMILY
DS60001324B-page 16
 2015-2016 Microchip Technology Inc.
RP1
19
2
27
2
33
36
I/O
ST/DIG Remappable peripherals (input or output)
RP2
20
3
28
3
34
37
I/O
ST/DIG
RP3
4
7
6
9
7
7
I/O
ST/DIG
RP4
5
8
7
10
8
8
I/O
ST/DIG
RP5
6
9
8
11
9
9
I/O
ST/DIG
RP6
7
10
9
12
10
10
I/O
ST/DIG
RP7
9
12
14
17
18
18
I/O
ST/DIG
RP8
10
13
15
18
19
20
I/O
ST/DIG
RP9
14
17
22
25
28
31
I/O
ST/DIG
RP10
15
18
23
26
29
32
I/O
ST/DIG
RP11
8
11
13
16
17
17
I/O
ST/DIG
RP12
12
15
20
23
26
29
I/O
ST/DIG
RP13
13
16
21
24
27
30
I/O
ST/DIG
RP14
1
4
1
4
35
38
I/O
ST/DIG
RP15
2
5
2
5
36
39
I/O
ST/DIG
RP16
3
6
3
6
1
1
I/O
ST/DIG
RP17
—
—
18
21
24
27
I/O
ST/DIG
RP18
—
—
19
22
25
28
I/O
ST/DIG
RP19
—
—
16
19
21
22
I/O
ST/DIG
RP20
—
—
—
—
11
11
I/O
ST/DIG
RTCC
14
17
22
25
28
31
O
DIG
Real-Time Clock alarm/seconds output
SCK1
9
12
14
17
18
18
I/O
ST/DIG SPI1 clock (input or output)
SCLKI
7
10
9
12
10
10
I
ST
Secondary Oscillator external clock input
SDI1
14
17
22
25
28
31
I
ST
SPI1 data input
SDO1
10
13
15
18
19
20
O
DIG
SPI1 data output
SOSCI
6
9
8
11
9
9
—
—
Secondary Oscillator crystal
SOSCO
7
10
9
12
10
10
—
—
Secondary Oscillator crystal
SS1
15
18
23
26
29
32
I
ST
SPI1 slave select input
T1CK
10
13
15
18
19
20
I
ST
Timer1 external clock input
T1G
10
13
15
18
19
20
I
ST
Timer1 clock gate input
TCK
9
12
14
17
18
18
I
ST
JTAG clock input
TDI
13
16
19
22
25
28
I
ST
JTAG data input
TDO
12
15
18
21
24
27
O
DIG
JTAG data output
TMS
10
13
15
18
19
20
I
ST
JTAG mode select input
U1BCLK
10
13
15
18
19
20
O
DIG
UART1 IrDA® 16x baud clock output
U1CTS
9
12
14
17
18
18
I
ST
UART1 transmission control input
U1RTS
10
13
15
18
19
20
O
DIG
UART1 reception control output
U1RX
15
18
23
26
29
32
I
ST
UART1 receive data input
U1TX
14
17
22
25
28
31
O
DIG
UART1 transmit data output
TABLE 1-1:
PIC32MM0064GPL036 FAMILY PINOUT DESCRIPTION (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
20-Pin
QFN
20-Pin
SSOP
28-Pin
QFN/
UQFN
28-Pin
SPDIP/
SSOP/SOIC
36-Pin
VQFN
40-Pin
UQFN
Legend:
ST = Schmitt Trigger input buffer
DIG = Digital input/output
ANA = Analog level input/output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com