Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MM0016GPL028 Datasheet(PDF) 40 Page - Microchip Technology

Part # PIC32MM0016GPL028
Description  32-Bit Flash Microcontroller with MIPS32® microAptiv™ UC Core with Low Power and Low Pin Count
PDF  268 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MM0016GPL028 Datasheet(HTML) 40 Page - Microchip Technology

Back Button PIC32MM0016GPL028 Datasheet HTML 36Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 37Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 38Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 39Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 40Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 41Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 42Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 43Page - Microchip Technology PIC32MM0016GPL028 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 268 page
background image
PIC32MM0064GPL036 FAMILY
DS60001324B-page 40
 2015-2016 Microchip Technology Inc.
bit 3-0
NVMOP<3:0>:
NVM Operation bits(3)
These bits are only writable when WREN = 0.
1111
= Reserved
•
•
•
1000
= Reserved
0111
= Program Erase Operation: Erases all of Program Flash Memory (all pages must be unprotected in
the NVMPWP register, Boot Flash Memory is not erased)
0110
= Reserved
0101
= Reserved
0100
= Page Erase Operation: Erases page selected by NVMADDR (erases Boot or Program Flash
Memory, page must be unprotected in the NVMBWP or NVMPWP register)
0011
= Row Program Operation: Programs row selected by NVMADDR (programs Boot or Program Flash
Memory, page must be unprotected in the NVMBWP or NVMPWP register)
0010
= Double-Word Program Operation: Programs two words to the address selected by NVMADDR
(programs Boot or Program Flash Memory, page must be unprotected in the NVMBWP or
NVMPWP register)
0001
= Reserved
0000
= No operation, clears WRERR and LVDERR bits
REGISTER 5-1:
NVMCON: NVM PROGRAMMING CONTROL REGISTER (CONTINUED)
Note 1:
These bits are only reset by a Power-on Reset (POR) and are not affected by other Reset sources.
2:
These bits are cleared by setting NVMOP<3:0> = 0000 and initiating a Flash operation (i.e., WR).
3:
NVMOP<3:0> bits are write-protected if the WREN bit is set.
4:
Writes to the WR bit require an unlock sequence. Refer to Section 5.1 “Flash Controller Registers Write
Protection”
for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com