Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ256GA705-I/M4. Datasheet(PDF) 183 Page - Microchip Technology

Part # PIC24FJ256GA705-I/M4.
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA705-I/M4. Datasheet(HTML) 183 Page - Microchip Technology

Back Button PIC24FJ256GA705-I/M4. Datasheet HTML 179Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 180Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 181Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 182Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 183Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 184Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 185Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 186Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 187Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 412 page
background image
 2016 Microchip Technology Inc.
DS30010118B-page 183
PIC24FJ256GA705 FAMILY
16.0
CAPTURE/COMPARE/PWM/
TIMER MODULES (MCCP)
PIC24FJ256GA705 family devices include several
Capture/Compare/PWM/Timer base modules, which
provide the functionality of three different peripherals of
earlier PIC24F devices. The module can operate in one
of three major modes:
• General Purpose Timer
• Input Capture
• Output Compare/PWM
This family of devices features 4 instances of the
MCCP module. MCCP1 provides up to six outputs and
an extended range of power control features, whereas
MCCP2-MCCP4 support two outputs.
The MCCPx modules can be operated only in one of
the three major modes at any time. The other modes
are not available unless the module is reconfigured for
the new mode.
A conceptual block diagram for the module is shown in
Figure 16-1. All three modules share a time base genera-
tor and a common Timer register pair (CCPxTMRH/L);
other shared hardware components are added as a
particular mode requires.
Each module has a total of 8 control and status registers:
• CCPxCON1L (Register 16-1)
• CCPxCON1H (Register 16-2)
• CCPxCON2L (Register 16-3)
• CCPxCON2H (Register 16-4)
• CCPxCON3L (Register 16-5)
• CCPxCON3H (Register 16-6)
• CCPxSTATL (Register 16-7)
• CCPxSTATH (Register 16-8)
Each module also includes 8 buffer/counter registers that
serve as Timer Value registers or data holding buffers:
• CCPxTMRH/CCPxTMRL (Timer High/Low
Counters)
• CCPxPRH/CCPxPRL (Timer Period High/Low)
• CCPxRAH/CCPxRAL (Primary Output Compare
Data Buffer)
• CCPxRBH/CCPxRBL (Secondary Output
Compare Data Buffer)
• CCPxBUFH/CCPxBUFL (Input Capture High/Low
Buffers)
FIGURE 16-1:
MCCPx CONCEPTUAL BLOCK DIAGRAM
Note:
This data sheet summarizes the features
of this group of PIC24F devices. It is
not intended to be a comprehensive
reference source. For more information,
refer to the “dsPIC33/PIC24 Family Ref-
erence
Manual”,
“Capture/Compare/
PWM/Timer
(MCCP
and
SCCP)”
(DS33035), which is available from the
Microchip web site (www.microchip.com).
The information in this data sheet
supersedes the information in the FRM.
Clock
Sources
Input Capture
Output
Compare/PWM
T32
CCSEL
MOD<3:0>
Sync and
Gating
Sources
16/32-Bit
Auxiliary Output (to CTMU)
CCPxIF
CCTxIF
External
Compare/PWM
Output(s)
OEFA/OEFB
Timer
Sync/Trigger Out
Special Trigger (to A/D)
Capture Input
Time Base
Generator
CCPxTMRH/L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com