Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ256GA705-I/M4. Datasheet(PDF) 88 Page - Microchip Technology

Part # PIC24FJ256GA705-I/M4.
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA705-I/M4. Datasheet(HTML) 88 Page - Microchip Technology

Back Button PIC24FJ256GA705-I/M4. Datasheet HTML 84Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 85Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 86Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 87Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 88Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 89Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 90Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 91Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 412 page
background image
PIC24FJ256GA705 FAMILY
DS30010118B-page 88
 2016 Microchip Technology Inc.
PMP – Parallel Master Port
45
00006Eh
IFS2<13>
IEC2<13>
PMPInterrupt
DMA4 – Direct Memory Access 4
46
000070h
IFS2<14>
IEC2<14>
DMA4Interrupt
—47
—
—
—
—
—48
—
—
—
—
SI2C2 – I2C2 Slave Events
49
000076h
IFS3<1>
IEC3<1>
SI2C2Interrupt
MI2C2 – I2C2 Master Events
50
000078h
IFS3<2>
IEC3<2>
MI2C2Interrupt
—51
—
—
—
—
—52
—
—
—
—
INT3 – External Interrupt 3
53
00007Eh
IFS3<5>
IEC3<5>
INT3Interrupt
INT4 – External Interrupt 4
54
000080h
IFS3<6>
IEC3<6>
INT4Interrupt
—55
—
—
—
—
—56
—
—
—
—
—57
—
—
—
—
SPI1RX – SPI1 Receive Done
58
000088h
IFS3<10>
IEC3<10>
SPI1RXInterrupt
SPI2RX – SPI2 Receive Done
59
00008Ah
IFS3<11>
IEC3<11>
SPI2RXInterrupt
SPI3RX – SPI3 Receive Done
60
00008Ch
IFS3<12>
IEC3<12>
SPI3RXInterrupt
DMA5 – Direct Memory Access 5
61
00008Eh
IFS3<13>
IEC3<13>
DMA5Interrupt
RTCC – Real-Time Clock and Calendar
62
000090h
IFS3<14>
IEC3<14>
RTCCInterrupt
CCP1 – Capture/Compare 1
63
000092h
IFS3<15>
IEC3<15>
CCP1Interrupt
CCP2 – Capture/Compare 2
64
000094h
IFS4<0>
IEC4<0>
CCP2Interrupt
U1E – UART1 Error
65
000096h
IFS4<1>
IEC4<1>
U1EInterrupt
U2E – UART2 Error
66
000098h
IFS4<2>
IEC4<2>
U2EInterrupt
CRC – Cyclic Redundancy Check
67
00009Ah
IFS4<3>
IEC4<3>
CRCInterrupt
—68
—
—
—
—
—69
—
—
—
—
—70
—
—
—
—
—71
—
—
—
—
HLVD – High/Low-Voltage Detect
72
0000A4h
IFS4<8>
IEC4<8>
HLVDInterrupt
—73
—
—
—
—
—74
—
—
—
—
—75
—
—
—
—
—76
—
—
—
—
CTMU – Interrupt
77
0000AEh
IFS4<13>
IEC4<13>
CTMUInterrupt
—78
—
—
—
—
—79
—
—
—
—
—80
—
—
—
—
—81
—
—
—
—
—82
—
—
—
—
—83
—
—
—
—
TABLE 8-2:
INTERRUPT VECTOR DETAILS (CONTINUED)
Interrupt Source
IRQ
#
IVT Address
Interrupt Bit Location
Flag
Enable
Priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com