Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ256GA705-I/M4. Datasheet(PDF) 55 Page - Microchip Technology

Part # PIC24FJ256GA705-I/M4.
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA705-I/M4. Datasheet(HTML) 55 Page - Microchip Technology

Back Button PIC24FJ256GA705-I/M4. Datasheet HTML 51Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 52Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 53Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 54Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 55Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 56Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 57Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 58Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 412 page
background image
 2016 Microchip Technology Inc.
DS30010118B-page 55
PIC24FJ256GA705 FAMILY
4.2.5.1
Data Read from EDS
In order to read the data from the EDS space, first, an
Address Pointer is set up by loading the required EDS
page number into the DSRPAG register and assigning
the offset address to one of the W registers. Once the
above assignment is done, the EDS window is enabled
by setting bit 15 of the Working register which is
assigned with the offset address; then, the contents of
the pointed EDS location can be read.
Figure 4-4 illustrates how the EDS space address is
generated for read operations.
When the Most Significant bit (MSb) of EA is ‘1’ and
DSRPAG<9> = 0, the lower 9 bits of DSRPAG are
concatenated to the lower 15 bits of EA to form a 24-bit
EDS space address for read operations.
Example 4-1 shows how to read a byte, word and
double word from EDS.
FIGURE 4-4:
EDS ADDRESS GENERATION FOR READ OPERATIONS
EXAMPLE 4-1:
EDS READ CODE IN ASSEMBLY
Note:
All read operations from EDS space have
an overhead of one instruction cycle.
Therefore, a minimum of two instruction
cycles are required to complete an EDS
read. EDS reads under the REPEAT
instruction; the first two accesses take
three
cycles
and
the
subsequent
accesses take one cycle.
DSRPAG Reg
Select
Wn
98
15 Bits
9 Bits
24-Bit EA
Wn<0> is Byte Select
0
= Extended SRAM and EPMP
1
0
; Set the EDS page from where the data to be read
mov
#0x0002, w0
mov
w0, DSRPAG
;page 2 is selected for read
mov
#0x0800, w1
;select the location (0x800) to be read
bset
w1, #15
;set the MSB of the base address, enable EDS mode
;Read a byte from the selected location
mov.b
[w1++], w2
;read Low byte
mov.b
[w1++], w3
;read High byte
;Read a word from the selected location
mov
[w1], w2
;
;Read Double - word from the selected location
mov.d
[w1], w2
;two word read, stored in w2 and w3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com