Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ256GA705-I/M4. Datasheet(PDF) 68 Page - Microchip Technology

Part # PIC24FJ256GA705-I/M4.
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA705-I/M4. Datasheet(HTML) 68 Page - Microchip Technology

Back Button PIC24FJ256GA705-I/M4. Datasheet HTML 64Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 65Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 66Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 67Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 68Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 69Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 70Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 71Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 412 page
background image
PIC24FJ256GA705 FAMILY
DS30010118B-page 68
 2016 Microchip Technology Inc.
REGISTER 5-2:
DMACHn: DMA CHANNEL n CONTROL REGISTER
U-0
U-0
U-0
r-0
U-0
R/W-0
R/W-0
R/W-0
—
—
—
—
—NULLW
RELOAD(1)
CHREQ(3)
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
SAMODE1
SAMODE0
DAMODE1
DAMODE0
TRMODE1
TRMODE0
SIZE
CHEN
bit 7
bit 0
Legend:
r = Reserved bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-13
Unimplemented:
Read as ‘0’
bit 12
Reserved:
Maintain as ‘0’
bit 11
Unimplemented:
Read as ‘0’
bit 10
NULLW:
Null Write Mode bit
1
= A dummy write is initiated to DMASRCn for every write to DMADSTn
0
= No dummy write is initiated
bit 9
RELOAD:
Address and Count Reload bit(1)
1
= DMASRCn, DMADSTn and DMACNTn registers are reloaded to their previous values upon the
start of the next operation
0
= DMASRCn, DMADSTn and DMACNTn are not reloaded on the start of the next operation(2)
bit 8
CHREQ:
DMA Channel Software Request bit(3)
1
= A DMA request is initiated by software; automatically cleared upon completion of a DMA transfer
0
= No DMA request is pending
bit 7-6
SAMODE<1:0>:
Source Address Mode Selection bits
11
= DMASRCn is used in Peripheral Indirect Addressing and remains unchanged
10
= DMASRCn is decremented based on the SIZE bit after a transfer completion
01
= DMASRCn is incremented based on the SIZE bit after a transfer completion
00
= DMASRCn remains unchanged after a transfer completion
bit 5-4
DAMODE<1:0>:
Destination Address Mode Selection bits
11
= DMADSTn is used in Peripheral Indirect Addressing and remains unchanged
10
= DMADSTn is decremented based on the SIZE bit after a transfer completion
01
= DMADSTn is incremented based on the SIZE bit after a transfer completion
00
= DMADSTn remains unchanged after a transfer completion
bit 3-2
TRMODE<1:0>:
Transfer Mode Selection bits
11
= Repeated Continuous mode
10
= Continuous mode
01
= Repeated One-Shot mode
00
= One-Shot mode
bit 1
SIZE:
Data Size Selection bit
1
= Byte (8-bit)
0
= Word (16-bit)
bit 0
CHEN:
DMA Channel Enable bit
1
= The corresponding channel is enabled
0
= The corresponding channel is disabled
Note 1:
Only the original DMACNTn is required to be stored to recover the original DMASRCn and DMADSTn.
2:
DMASRCn, DMADSTn and DMACNTn are always reloaded in Repeated mode transfers
(DMACHn<2> = 1), regardless of the state of the RELOAD bit.
3:
The number of transfers executed while CHREQ is set depends on the configuration of TRMODE<1:0>.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com