Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ256GA705-I/M4. Datasheet(PDF) 190 Page - Microchip Technology

Part # PIC24FJ256GA705-I/M4.
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA705-I/M4. Datasheet(HTML) 190 Page - Microchip Technology

Back Button PIC24FJ256GA705-I/M4. Datasheet HTML 186Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 187Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 188Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 189Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 190Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 191Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 192Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 193Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 194Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 412 page
background image
PIC24FJ256GA705 FAMILY
DS30010118B-page 190
 2016 Microchip Technology Inc.
REGISTER 16-1:
CCPxCON1L: CCPx CONTROL 1 LOW REGISTERS
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CCPON
—
CCPSIDL
CCPSLP
TMRSYNC
CLKSEL2
CLKSEL1
CLKSEL0
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
TMRPS1
TMRPS0
T32
CCSEL
MOD3
MOD2
MOD1
MOD0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CCPON:
CCPx Module Enable bit
1
= Module is enabled with an operating mode specified by the MOD<3:0> control bits
0
= Module is disabled
bit 14
Unimplemented:
Read as ‘0’
bit 13
CCPSIDL:
CCPx Stop in Idle Mode Bit
1
= Discontinues module operation when device enters Idle mode
0
= Continues module operation in Idle mode
bit 12
CCPSLP:
CCPx Sleep Mode Enable bit
1
= Module continues to operate in Sleep modes
0
= Module does not operate in Sleep modes
bit 11
TMRSYNC:
Time Base Clock Synchronization bit
1
= Module time base clock is synchronized to the internal system clocks; timing restrictions apply
0
= Module time base clock is not synchronized to the internal system clocks
bit 10-8
CLKSEL<2:0>:
CCPx Time Base Clock Select bits
111
= TCKIA pin
110
= TCKIB pin
101
= PLL clock
100
= 2x peripheral clock
010
= SOSC clock
001
= Reference clock output
000
= System clock
For MCCP1:
011
= CLC1 output
For MCCP2:
011
= CLC2 output
bit 7-6
TMRPS<1:0>:
Time Base Prescale Select bits
11
= 1:64 Prescaler
10
= 1:16 Prescaler
01
= 1:4 Prescaler
00
= 1:1 Prescaler
bit 5
T32:
32-Bit Time Base Select bit
1
= Uses 32-bit time base for timer, single edge output compare or input capture function
0
= Uses 16-bit time base for timer, single edge output compare or input capture function
bit 4
CCSEL:
Capture/Compare Mode Select bit
1
= Input capture peripheral
0
= Output compare/PWM/timer peripheral (exact function is selected by the MOD<3:0> bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com