Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ256GA705-I/M4. Datasheet(PDF) 195 Page - Microchip Technology

Part # PIC24FJ256GA705-I/M4.
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA705-I/M4. Datasheet(HTML) 195 Page - Microchip Technology

Back Button PIC24FJ256GA705-I/M4. Datasheet HTML 191Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 192Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 193Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 194Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 195Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 196Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 197Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 198Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 199Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 412 page
background image
 2016 Microchip Technology Inc.
DS30010118B-page 195
PIC24FJ256GA705 FAMILY
REGISTER 16-4:
CCPxCON2H: CCPx CONTROL 2 HIGH REGISTERS
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
OENSYNC
—
OCFEN
OCEEN
OCDEN
OCCEN
OCBEN
OCAEN
bit 15
bit 8
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
ICGSM1
ICGSM0
—
AUXOUT1
AUXOUT0
ICS2
ICS1
ICS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
OENSYNC:
Output Enable Synchronization bit
1
= Update by output enable bits occurs on the next Time Base Reset or rollover
0
= Update by output enable bits occurs immediately
bit 14
Unimplemented:
Read as ‘0’
bit 13-8
OCxEN:
Output Enable/Steering Control bits
1
= OCMx pin is controlled by the CCPx module and produces an output compare or PWM signal
0
= OCMx pin is not controlled by the CCPx module; the pin is available to the port logic or another
peripheral multiplexed on the pin
bit 7-6
ICGSM<1:0>:
Input Capture Gating Source Mode Control bits
11
= Reserved
10
= One-Shot mode: Falling edge from gating source disables future capture events (ICDIS = 1)
01
= One-Shot mode: Rising edge from gating source enables future capture events (ICDIS = 0)
00
= Level-Sensitive mode: A high level from gating source will enable future capture events; a low
level will disable future capture events
bit 5
Unimplemented:
Read as ‘0’
bit 4-3
AUXOUT<1:0>:
Auxiliary Output Signal on Event Selection bits
11
= Input capture or output compare event; no signal in Timer mode
10
= Signal output is defined by module operating mode (see Table 16-4)
01
= Time base rollover event (all modes)
00
=Disabled
bit 2-0
ICS<2:0>:
Input Capture Source Select bits
111
= Reserved
110
= Reserved
101
= CLC2 output
100
= CLC1 output
011
= Comparator 3 output
010
= Comparator 2 output
001
= Comparator 1 output
000
= Input Capture x (ICMx) I/O pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com