Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ256GA705-I/M4. Datasheet(PDF) 228 Page - Microchip Technology

Part # PIC24FJ256GA705-I/M4.
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA705-I/M4. Datasheet(HTML) 228 Page - Microchip Technology

Back Button PIC24FJ256GA705-I/M4. Datasheet HTML 224Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 225Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 226Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 227Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 228Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 229Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 230Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 231Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 232Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 412 page
background image
PIC24FJ256GA705 FAMILY
DS30010118B-page 228
 2016 Microchip Technology Inc.
bit 3
S:
I2Cx Start bit
Updated when Start, Reset or Stop is detected; cleared when the I2C module is disabled, I2CEN = 0.
1
= Indicates that a Start (or Repeated Start) bit has been detected last
0
= Start (or Repeated Start) bit was not detected last
bit 2
R/W:
Read/Write Information bit (when operating as I2C slave)
1
= Read: Indicates the data transfer is output from the slave
0
= Write: Indicates the data transfer is input to the slave
bit 1
RBF:
Receive Buffer Full Status bit
1
= Receive is complete, I2CxRCV is full
0
= Receive is not complete, I2CxRCV is empty
bit 0
TBF:
Transmit Buffer Full Status bit
1
= Transmit is in progress, I2CxTRN is full (8-bits of data)
0
= Transmit is complete, I2CxTRN is empty
REGISTER 18-3:
I2CxSTAT: I2Cx STATUS REGISTER (CONTINUED)
REGISTER 18-4:
I2CxMSK: I2Cx SLAVE MODE ADDRESS MASK REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
—
—
—
—
—
—
MSK<9:8>
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
MSK<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-10
Unimplemented:
Read as ‘0’
bit 9-0
MSK<9:0>:
I2Cx Mask for Address Bit x Select bits
1
= Enables masking for bit x of the incoming message address; bit match is not required in this position
0
= Disables masking for bit x; bit match is required in this position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com