Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ256GA705-I/M4. Datasheet(PDF) 271 Page - Microchip Technology

Part # PIC24FJ256GA705-I/M4.
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA705-I/M4. Datasheet(HTML) 271 Page - Microchip Technology

Back Button PIC24FJ256GA705-I/M4. Datasheet HTML 267Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 268Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 269Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 270Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 271Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 272Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 273Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 274Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 275Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 412 page
background image
 2016 Microchip Technology Inc.
DS30010118B-page 271
PIC24FJ256GA705 FAMILY
22.0
32-BIT PROGRAMMABLE
CYCLIC REDUNDANCY CHECK
(CRC) GENERATOR
The 32-bit programmable CRC generator provides a
hardware implemented method of quickly generating
checksums for various networking and security
applications. It offers the following features:
• User-Programmable CRC Polynomial Equation,
up to 32 Bits
• Programmable Shift Direction (little or big-endian)
• Independent Data and Polynomial Lengths
• Configurable Interrupt Output
• Data FIFO
Figure 22-1 displays a simplified block diagram of the
CRC generator. A simple version of the CRC shift
engine is displayed in Figure 22-2.
FIGURE 22-1:
CRC BLOCK DIAGRAM
FIGURE 22-2:
CRC SHIFT ENGINE DETAIL
Note:
This data sheet summarizes the features of
this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information, refer to
the “dsPIC33/PIC24 Family Reference
Manual”
,
“32-Bit
Programmable
Cyclic Redundancy Check (CRC)”
(DS30009729), which is available from the
Microchip web site (www.microchip.com).
The information in this data sheet
supersedes the information in the FRM.
CRC
Interrupt
Variable FIFO
(4x32, 8x16 or 16x8)
CRCDATH
CRCDATL
Shift Buffer
CRC Shift Engine
CRCWDATH
CRCWDATL
Shifter Clock
2 * FCY
LENDIAN
CRCISEL
1
0
FIFO Empty
Event
Shift
Complete
Event
1
0
Note 1:
n = PLEN<4:1> + 1.
CRC Shift Engine
CRCWDATH
CRCWDATL
Bit 1
X0
X1
Xn(1)
Read/Write Bus
Shift Buffer
Data
Bit 0
Bit n(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com