Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ256GA705-I/M4. Datasheet(PDF) 285 Page - Microchip Technology

Part # PIC24FJ256GA705-I/M4.
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA705-I/M4. Datasheet(HTML) 285 Page - Microchip Technology

Back Button PIC24FJ256GA705-I/M4. Datasheet HTML 281Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 282Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 283Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 284Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 285Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 286Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 287Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 288Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 289Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 412 page
background image
 2016 Microchip Technology Inc.
DS30010118B-page 285
PIC24FJ256GA705 FAMILY
REGISTER 23-5:
CLCxGLSH: CLCx GATE LOGIC INPUT SELECT HIGH REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
G4D4T
G4D4N
G4D3T
G4D3N
G4D2T
G4D2N
G4D1T
G4D1N
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
G3D4T
G3D4N
G3D3T
G3D3N
G3D2T
G3D2N
G3D1T
G3D1N
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
G4D4T:
Gate 4 Data Source 4 True Enable bit
1
= The Data Source 4 signal is enabled for Gate 4
0
= The Data Source 4 signal is disabled for Gate 4
bit 14
G4D4N:
Gate 4 Data Source 4 Negated Enable bit
1
= The Data Source 4 inverted signal is enabled for Gate 4
0
= The Data Source 4 inverted signal is disabled for Gate 4
bit 13
G4D3T:
Gate 4 Data Source 3 True Enable bit
1
= The Data Source 3 signal is enabled for Gate 4
0
= The Data Source 3 signal is disabled for Gate 4
bit 12
G4D3N:
Gate 4 Data Source 3 Negated Enable bit
1
= The Data Source 3 inverted signal is enabled for Gate 4
0
= The Data Source 3 inverted signal is disabled for Gate 4
bit 11
G4D2T:
Gate 4 Data Source 2 True Enable bit
1
= The Data Source 2 signal is enabled for Gate 4
0
= The Data Source 2 signal is disabled for Gate 4
bit 10
G4D2N:
Gate 4 Data Source 2 Negated Enable bit
1
= The Data Source 2 inverted signal is enabled for Gate 4
0
= The Data Source 2 inverted signal is disabled for Gate 4
bit 9
G4D1T:
Gate 4 Data Source 1 True Enable bit
1
= The Data Source 1 signal is enabled for Gate 4
0
= The Data Source 1 signal is disabled for Gate 4
bit 8
G4D1N:
Gate 4 Data Source 1 Negated Enable bit
1
= The Data Source 1 inverted signal is enabled for Gate 4
0
= The Data Source 1 inverted signal is disabled for Gate 4
bit 7
G3D4T:
Gate 3 Data Source 4 True Enable bit
1
= The Data Source 4 signal is enabled for Gate 3
0
= The Data Source 4 signal is disabled for Gate 3
bit 6
G3D4N:
Gate 3 Data Source 4 Negated Enable bit
1
= The Data Source 4 inverted signal is enabled for Gate 3
0
= The Data Source 4 inverted signal is disabled for Gate 3
bit 5
G3D3T:
Gate 3 Data Source 3 True Enable bit
1
= The Data Source 3 signal is enabled for Gate 3
0
= The Data Source 3 signal is disabled for Gate 3
bit 4
G3D3N:
Gate 3 Data Source 3 Negated Enable bit
1
= The Data Source 3 inverted signal is enabled for Gate 3
0
= The Data Source 3 inverted signal is disabled for Gate 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com