Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ256GA705-I/M4. Datasheet(PDF) 296 Page - Microchip Technology

Part # PIC24FJ256GA705-I/M4.
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA705-I/M4. Datasheet(HTML) 296 Page - Microchip Technology

Back Button PIC24FJ256GA705-I/M4. Datasheet HTML 292Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 293Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 294Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 295Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 296Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 297Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 298Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 299Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 300Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 412 page
background image
PIC24FJ256GA705 FAMILY
DS30010118B-page 296
 2016 Microchip Technology Inc.
bit 6-2
SMPI<4:0>:
Interrupt Sample/DMA Increment Rate Select bits
When DMAEN = 1 and DMABM = 0:
11111
= Increments the DMA address after completion of the 32nd sample/conversion operation
11110
= Increments the DMA address after completion of the 31st sample/conversion operation
•
•
•
00001
= Increments the DMA address after completion of the 2nd sample/conversion operation
00000
= Increments the DMA address after completion of each sample/conversion operation
When DMAEN = 1 and DMABM = 1:
11111
= Resets the DMA offset after completion of the 32nd sample/conversion operation
11110
= Resets the DMA offset after completion of the 31nd sample/conversion operation
•
•
•
00001
= Resets the DMA offset after completion of the 2nd sample/conversion operation
00000
= Resets the DMA offset after completion of every sample/conversion operation
When DMAEN = 0:
11111
= Interrupts at the completion of the conversion for each 32nd sample
11110
= Interrupts at the completion of the conversion for each 31st sample
•
•
•
00001
= Interrupts at the completion of the conversion for every other sample
00000
= Interrupts at the completion of the conversion for each sample
bit 1
BUFM:
Buffer Fill Mode Select bit
1
= Starts buffer filling at ADC1BUF0 on first interrupt and ADC1BUF13 on next interrupt
0
= Always starts filling buffer at ADC1BUF0
bit 0
ALTS:
Alternate Input Sample Mode Select bit
1
= Uses channel input selects for Sample A on first sample and Sample B on next sample
0
= Always uses channel input selects for Sample A
REGISTER 24-2:
AD1CON2: A/D CONTROL REGISTER 2 (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com