Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ256GA705-I/M4. Datasheet(PDF) 323 Page - Microchip Technology

Part # PIC24FJ256GA705-I/M4.
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA705-I/M4. Datasheet(HTML) 323 Page - Microchip Technology

Back Button PIC24FJ256GA705-I/M4. Datasheet HTML 319Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 320Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 321Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 322Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 323Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 324Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 325Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 326Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 327Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 412 page
background image
 2016 Microchip Technology Inc.
DS30010118B-page 323
PIC24FJ256GA705 FAMILY
REGISTER 27-2:
CTMUCON1H: CTMU CONTROL REGISTER 1 HIGH
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
EDG1MOD
EDG1POL
EDG1SEL3
EDG1SEL2
EDG1SEL1
EDG1SEL0
EDG2STAT
EDG1STAT
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
EDG2MOD
EDG2POL
EDG2SEL3
EDG2SEL2
EDG2SEL1
EDG2SEL0
—IRNGH
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
EDG1MOD:
Edge 1 Edge-Sensitive Select bit
1
= Input is edge-sensitive
0
= Input is level-sensitive
bit 14
EDG1POL:
Edge 1 Polarity Select bit
1
= Edge 1 is programmed for a positive edge response
0
= Edge 1 is programmed for a negative edge response
bit 13-10
EDG1SEL<3:0>:
Edge 1 Source Select bits
1111
= CMP C3OUT
1110
= CMP C2OUT
1101
= CMP C1OUT
1100
= IC3 interrupt
1011
= IC2 interrupt
1010
= IC1 interrupt
1001
= CTED8 pin
1000
= CTED7 pin
0111
= CTED6 pin
0110
= CTED5 pin
0101
= CTED4 pin
0100
= CTED3 pin
0011
= CTED1 pin
0010
= CTED2 pin
0001
= OC1
0000
= Timer1 match
bit 9
EDG2STAT:
Edge 2 Status bit
Indicates the status of Edge 2 and can be written to control current source.
1
= Edge 2 has occurred
0
= Edge 2 has not occurred
bit 8
EDG1STAT:
Edge 1 Status bit
Indicates the status of Edge 1 and can be written to control current source.
1
= Edge 1 has occurred
0
= Edge 1 has not occurred
bit 7
EDG2MOD:
Edge 2 Edge-Sensitive Select bit
1
= Input is edge-sensitive
0
= Input is level-sensitive
bit 6
EDG2POL:
Edge 2 Polarity Select bit
1
= Edge 2 is programmed for a positive edge response
0
= Edge 2 is programmed for a negative edge response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com