Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ256GA705-I/M4. Datasheet(PDF) 334 Page - Microchip Technology

Part # PIC24FJ256GA705-I/M4.
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA705-I/M4. Datasheet(HTML) 334 Page - Microchip Technology

Back Button PIC24FJ256GA705-I/M4. Datasheet HTML 330Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 331Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 332Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 333Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 334Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 335Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 336Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 337Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 338Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 412 page
background image
PIC24FJ256GA705 FAMILY
DS30010118B-page 334
 2016 Microchip Technology Inc.
REGISTER 29-5:
FOSC CONFIGURATION REGISTER
U-1
U-1
U-1
U-1
U-1
U-1
U-1
U-1
—
—
—
—
—
—
—
—
bit 23
bit 16
U-1
U-1
U-1
U-1
U-1
U-1
U-1
U-1
—
—
—
—
—
—
—
—
bit 15
bit 8
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
R/PO-1
FCKSM1
FCKSM0
IOL1WAY
PLLSS
SOSCSEL
OSCIOFCN
POSCMD1
POSCMD0
bit 7
bit 0
Legend:
PO = Program Once bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23-8
Unimplemented:
Read as ‘1’
bit 7-6
FCKSM<1:0>:
Clock Switching and Monitor Selection bits
1x
= Clock switching and the Fail-Safe Clock Monitor are disabled
01
= Clock switching is enabled, Fail-Safe Clock Monitor is disabled
00
= Clock switching and the Fail-Safe Clock Monitor are enabled
bit 5
IOL1WAY:
Peripheral Pin Select Configuration bit
1
= The IOLOCK bit can be set only once (with unlock sequence).
0
= The IOLOCK bit can be set and cleared as needed (with unlock sequence)
bit 4
PLLSS:
PLL Secondary Selection Configuration bit
This Configuration bit only takes effect when the PLL is NOT being used by the system (i.e., not
selected as part of the system clock source). Used to generate an independent clock out of REFO.
1
= PLL is fed by the Primary Oscillator
0
= PLL is fed by the on-chip Fast RC (FRC) Oscillator
bit 3
SOSCSEL:
SOSC Selection Configuration bit
1
= Crystal (SOSCI/SOSCO) mode
0
= Digital (SOSCI) Externally Supplied Clock mode
bit 2
OSCIOFCN:
CLKO Enable Configuration bit
1
= CLKO output signal is active on the OSCO pin (when the Primary Oscillator is disabled or configured
for EC mode)
0
= CLKO output is disabled
bit 1-0
POSCMD<1:0>:
Primary Oscillator Configuration bits
11
= Primary Oscillator mode is disabled
10
= HS Oscillator mode is selected (10 MHz-32 MHz)
01
= XT Oscillator mode is selected (1.5 MHz-10 MHz)
00
= External Clock mode is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com