Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ256GA705-I/M4. Datasheet(PDF) 361 Page - Microchip Technology

Part # PIC24FJ256GA705-I/M4.
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA705-I/M4. Datasheet(HTML) 361 Page - Microchip Technology

Back Button PIC24FJ256GA705-I/M4. Datasheet HTML 357Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 358Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 359Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 360Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 361Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 362Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 363Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 364Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 365Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 412 page
background image
 2016 Microchip Technology Inc.
DS30010118B-page 361
PIC24FJ256GA705 FAMILY
TABLE 32-5:
DC CHARACTERISTICS: IDLE CURRENT (IIDLE)
DC CHARACTERISTICS
Standard Operating Conditions: 2.0V to 3.6V (unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
Parameter
No.
Typical(1)
Max
Units
Operating
Temperature
VDD
Conditions
Idle Current (IIDLE)(2)
DC40
95
400
A
-40°C to +85°C
2.0V
1 MIPS,
FOSC = 2 MHz
105
400
A
-40°C to +85°C
3.3V
DC43
290
1200
A
-40°C to +85°C
2.0V
4 MIPS,
FOSC = 8 MHz
315
1200
A
-40°C to +85°C
3.3V
DC47
1.05
3.7
mA
-40°C to +85°C
2.0V
16 MIPS,
FOSC = 32 MHz
1.16
3.7
mA
-40°C to +85°C
3.3V
DC50
350
1100
A
-40°C to +85°C
2.0V
FRC (4 MIPS),
FOSC = 8 MHz
360
1100
A
-40°C to +85°C
3.3V
DC51
29
110
A
-40°C to +85°C
2.0V
LPRC (15.5 KIPS),
FOSC = 31 kHz
33
110
A
-40°C to +85°C
3.3V
Note 1:
Data in the “Typical” column is at 3.3V, +25°C unless otherwise stated. Parameters are for design
guidance only and are not tested.
2:
Base IIDLE current is measured with the core off, the clock on and all modules turned off. Peripheral
Module Disable SFR registers are all ‘1’s. All I/O pins are configured as outputs and driven low. JTAG
interface is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com