Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ256GA705-I/M4. Datasheet(PDF) 110 Page - Microchip Technology

Part # PIC24FJ256GA705-I/M4.
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ256GA705-I/M4. Datasheet(HTML) 110 Page - Microchip Technology

Back Button PIC24FJ256GA705-I/M4. Datasheet HTML 106Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 107Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 108Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 109Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 110Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 111Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 112Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 113Page - Microchip Technology PIC24FJ256GA705-I/M4. Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 412 page
background image
PIC24FJ256GA705 FAMILY
DS30010118B-page 110
 2016 Microchip Technology Inc.
REGISTER 9-6:
REFOCONL: REFERENCE OSCILLATOR CONTROL REGISTER LOW
R/W-0
U-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R-0
ROEN
—
ROSIDL
ROOUT
ROSLP
—
ROSWEN
ROACTIVE
bit 15
bit 8
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
—
ROSEL3
ROSEL2
ROSEL1
ROSEL0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
ROEN:
Reference Oscillator Output Enable bit
1
= Reference Oscillator module is enabled
0
= Reference Oscillator is disabled
bit 14
Unimplemented:
Read as ‘0’
bit 13
ROSIDL:
REFO Stop in Idle Mode bit
1
= Discontinues module operation when device enters Idle mode
0
= Continues module operation in Idle mode
bit 12
ROOUT:
Reference Clock Output Enable bit
1
= Reference clock is driven out on the REFO pin
0
= Reference clock is not driven out on the REFO pin
bit 11
ROSLP:
Reference Oscillator Output Stop in Sleep bit
1
= Reference Oscillator continues to run in Sleep
0
= Reference Oscillator is disabled in Sleep
bit 10
Unimplemented:
Read as ‘0’
bit 9
ROSWEN:
Reference Clock RODIVx/ROTRIMx Switch Enable bit
1
= Switch clock divider; clock divider switching is currently in progress
0
= Clock divider switch has been completed
bit 8
ROACTIVE:
Reference Clock Request Status bit
1
= Reference clock is active (user should not change the REFO settings)
0
= Reference clock is inactive (user can update the REFO settings)
bit 7-4
Unimplemented:
Read as ‘0’
bit 3-0
ROSEL<3:0>:
Reference Clock Source Select bits
1111
-1001 = Reserved
1000
= REFI pin
0111
= Reserved
0110
= PLL
0101
= SOSC
0100
= LPRC
0011
= FRC
0010
= POSC
0001
= System clock (FOSC/2)
0000
= FOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com