Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65KG256AB Datasheet(PDF) 21 Page - STMicroelectronics

Part # M65KG256AB
Description  256Mbit (4 Banks x 4M x 16) 1.8V Supply, 133MHz Clock Rate, DDR Low Power SDRAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG256AB Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M65KG256AB Datasheet HTML 17Page - STMicroelectronics M65KG256AB Datasheet HTML 18Page - STMicroelectronics M65KG256AB Datasheet HTML 19Page - STMicroelectronics M65KG256AB Datasheet HTML 20Page - STMicroelectronics M65KG256AB Datasheet HTML 21Page - STMicroelectronics M65KG256AB Datasheet HTML 22Page - STMicroelectronics M65KG256AB Datasheet HTML 23Page - STMicroelectronics M65KG256AB Datasheet HTML 24Page - STMicroelectronics M65KG256AB Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
M65KG256AB
4 Operating modes
21/51
Read is completed. tRPST from the last falling edge of the data strobe, the DQS pins become
High-Z. This low period of DQS is referred as Read Postamble.
See Table 5: Burst Type Definition, Table 15: AC Characteristics, Table 16: AC Characteristics
Measured in Clock Period, and Figures 9 and 11, for a detailed description of Burst Read
operation and characteristics.
Burst Read can be terminated by issuing a Burst Read Terminate command (see Section 3.6:
Burst Read Terminate command (BST) and Figure 12: Burst Terminate During Read
Operation).
The interval between Burst Read to Burst Read and Burst Read to Burst Write commands are
described in Figures 7, 8 and 20.
4.3
Burst Write
The M65KG256AB is switched in Burst Write mode by issuing a Bank (Row) Activate command
to set the bank and column addresses to be written to, followed by a Write command (see
sections 3.3: Bank(Row) Activate command (ACT) and 3.7: Write command (WRIT) for details).
Burst Write can be accompanied by an Auto Precharge cycle depending on the state of the A10
Address Input. If A10 is High (set to ‘1’) when the Write command is issued, the Write operation
will be followed by an Auto Precharge cycle. If A10 is Low (set to ‘0’), Auto Precharge is not
selected and the row will remain active for subsequent accesses.
Burst Write operations can be performed either at Byte or at Word level. The CAS Latency for
Burst Write operations is fixed to 1 clock cycle.
UDQS/LDQS input act as the strobe for the input data and UDQM/LDQM select the Byte to be
written. UDQS/LDQS must be Low tWPRE prior to their first rising edge; and can be changed to
High-Z tWPST after their last falling edge. These two periods of time are referred to as Write
Preamble and Write Postamble, respectively.
See Table 15: AC Characteristics, Table 16: AC Characteristics Measured in Clock Period, and
Figures 15, 17, and 18, for a detailed description of Burst Write AC waveforms and
characteristics.
The interval between Burst Write to Burst Write commands are described in Figures 13, 14, 21
and 22.
4.4
Self Refresh
In the Self Refresh mode, the data contained in the DDR LPSDRAM memory array is retained
and refreshed. The size of the memory array to be refreshed is programmed in the Extended
Mode Register. Only the data contained in the part of the array selected for Self Refresh will be
retained and refreshed. In this respect, this is a power saving feature.
The Self Refresh mode is entered and exited by issuing a Self Refresh Entry and Self Refresh
Exit command, respectively (see Section 3: Commands). When in this mode, the device is not
clocked any more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com