Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65KG256AB Datasheet(PDF) 33 Page - STMicroelectronics

Part # M65KG256AB
Description  256Mbit (4 Banks x 4M x 16) 1.8V Supply, 133MHz Clock Rate, DDR Low Power SDRAM
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG256AB Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M65KG256AB Datasheet HTML 29Page - STMicroelectronics M65KG256AB Datasheet HTML 30Page - STMicroelectronics M65KG256AB Datasheet HTML 31Page - STMicroelectronics M65KG256AB Datasheet HTML 32Page - STMicroelectronics M65KG256AB Datasheet HTML 33Page - STMicroelectronics M65KG256AB Datasheet HTML 34Page - STMicroelectronics M65KG256AB Datasheet HTML 35Page - STMicroelectronics M65KG256AB Datasheet HTML 36Page - STMicroelectronics M65KG256AB Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
M65KG256AB
7 DC and AC parameters
33/51
Figure 10. Read with Auto Precharge AC Waveforms
1.
Burst Length = 4 Words, CAS Latency = 3 clock cycles.
A10
DQ0-DQ15
K
tCK
Hi-Z
DO0
AI11212
W
DO1 DO2 DO3
t0
t1
t2
t3
t4
t5
t6
t7
t8
t9
t10
t11
t12
t13
KE
E
RAS
CAS
BA0
BA1
Address
LDQM/
UDQM
tCHW
tCLW
tAS
tAH
tRCD
tRAS
tRP
tRC
Bank(Row) Activate
in Bank A
Read
from Bank A
Precharge
in Bank A
tAC,
tDQSCK
K
LDQS/
UDQS
tRPRE
tRPST
tAS
tAH
tAS
tAH
tAS
tAH
tDQSLZ
tDQSHZ
tDQSQ
tDV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com