Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9213 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC9213
Description  Synchronous Step-Down DC/DC Controller IC - Input Voltage : 25V
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9213 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC9213 Datasheet HTML 9Page - Torex Semiconductor XC9213 Datasheet HTML 10Page - Torex Semiconductor XC9213 Datasheet HTML 11Page - Torex Semiconductor XC9213 Datasheet HTML 12Page - Torex Semiconductor XC9213 Datasheet HTML 13Page - Torex Semiconductor XC9213 Datasheet HTML 14Page - Torex Semiconductor XC9213 Datasheet HTML 15Page - Torex Semiconductor XC9213 Datasheet HTML 16Page - Torex Semiconductor XC9213 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
13/34
XC9213
Series
VOUT (V)
RFB1 (Ω)
RFB2 (Ω)
CFB (pF)
1.5
150
300
100
1.8
160
200
100
2.5
360
240
47
3.0
220
110
47
3.3
620
270
27
5.0
300
75
47
SYMBOL
PART NUMBER
MANUFACTURER
CMS02
TOSHIBA
SD1
DE5PC3
SHINDENGEN
XB01SB04A2BR
TOREX
SD2
CRS02
TOSHIBA
■EXTERNAL COMPONENTS (Continued)
●Output Voltage Setting (RFB1, RFB2, CFB)
Output voltage can be set by adding external split resistors. Output voltage is determined by the following equation,
based on the values of RFB1 and RFB2. The sum of RFB1 and RFB2 should normally be 2 MΩ or less
(RFB1 + RFB2
≦2MΩ).
VOUT = RFB1 / RFB2 + 1
The value of CFB, speed-up capacitor for phase compensation, should be adjusted by the following equation.
fzfb= 1 / (2 x
π x CFB x RFB1)≒10kHz
Adjustments are required from 1kHz to 50kHz depending on the application, value of inductance (L), and value of load
capacity (CL).
●Recommended Schottky Diode (SD1, SD2)
* SD1 and SD2 should be of favorable reverse-current characteristics. If, in particular, SD2 has poor reverse-current characteristics,
CBST cannot be fully charged at high temperatures, resulting, in some cases, in failure to drive Tr1.
●Setting Latch Protection Circuit Delay Time (CPRO)
Time delay is 4.7 ms (TYP.) under the current conditions if CPRO has 4,700 pF. This time delay is roughly proportional to
the value of CPRO.
ex.)
When CPRO is 2200pF,
4.7ms (TYP.) x 2200pF /
4700pF
=2.2ms (TYP.)
When CPRO is 0.01μF (10,000pF),
4.7ms (TYP.) x 10000pF / 4700pF
=10ms
(TYP.
)
* For stable operation, please use a capacitor with more than 2200pF as CPRO.
●Setting Soft-Start Time (CSS)
Relationships between the value of
CSS and the soft-start time (25OC
TYP.) are shown at left. For stable
operation, please use a capacitor
with more than 2200pF as CSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com