Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9213 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC9213
Description  Synchronous Step-Down DC/DC Controller IC - Input Voltage : 25V
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9213 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC9213 Datasheet HTML 1Page - Torex Semiconductor XC9213 Datasheet HTML 2Page - Torex Semiconductor XC9213 Datasheet HTML 3Page - Torex Semiconductor XC9213 Datasheet HTML 4Page - Torex Semiconductor XC9213 Datasheet HTML 5Page - Torex Semiconductor XC9213 Datasheet HTML 6Page - Torex Semiconductor XC9213 Datasheet HTML 7Page - Torex Semiconductor XC9213 Datasheet HTML 8Page - Torex Semiconductor XC9213 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
3/34
XC9213
Series
PARAMETER
SYMBOL
RATINGS
UNITS
VIN Pin Voltage
VIN
- 0.3 ~ 30.0
V
VSENSE Pin Voltage
VSENSE
- 0.3 ~ 30.0
V
VL Pin Voltage
VL
- 0.3 ~ 6.0
V
CE Pin Voltage (*)
CE
- 0.3 ~ 30.0
V
MODE Pin Voltage (*)
MODE
- 0.3 ~ 30.0
V
CPRO Pin Voltage
CPRO
- 0.3 ~ 6.0
V
CSS Pin Voltage
CSS
- 0.3 ~ 6.0
V
VDIN Pin Voltage
VDIN
- 0.3 ~ 6.0
V
FB Pin Voltage
FB
- 0.3 ~ 6.0
V
VDOUT Pin Voltage
VDOUT
- 0.3 ~ 30.0
V
EXT2 Pin Voltage
EXT2
- 0.3 ~ 6.0
V
Lx Pin Voltage
Lx
- 0.3 ~ 30.0
V
EXT1 Pin Voltage
EXT1
- 0.3 ~ 30.0
V
BST Pin Voltage
BST
- 0.3 ~ 30.0
V
EXT1 Pin Current
IEXT1
±
100
mA
EXT2 Pin Current
IEXT2
±
100
mA
Lx Pin Current
ILx
100
mA
Power Dissipation
Pd
350
mW
Operational Temperature Range
Topr
- 40 ~ + 85
OC
Storage Temperature Range
Tstg
- 55 ~ + 125
OC
■ABSOLUTE MAXIMUM RATINGS
(*) CE, MODE pin voltage
1) 1.4V≦High Level≦6V
The CE pin and the MODE pin can be connected directly
to the high level power supply.
CE or
MODE
IC Inside
CE or
MODE
1.4V<High Level<6V
6V<High Level<30V
R>1k
Ω
IC Inside
Ta = 25OC
2) 6V < High Level < 30V
The CE pin and the MODE pin should be connected to
over 1k
Ω resistor when connecting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com