Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC9213 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9213
Description  Synchronous Step-Down DC/DC Controller IC - Input Voltage : 25V
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9213 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9213 Datasheet HTML 1Page - Torex Semiconductor XC9213 Datasheet HTML 2Page - Torex Semiconductor XC9213 Datasheet HTML 3Page - Torex Semiconductor XC9213 Datasheet HTML 4Page - Torex Semiconductor XC9213 Datasheet HTML 5Page - Torex Semiconductor XC9213 Datasheet HTML 6Page - Torex Semiconductor XC9213 Datasheet HTML 7Page - Torex Semiconductor XC9213 Datasheet HTML 8Page - Torex Semiconductor XC9213 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
2/34
XC9213 Series
PIN NUMBER PIN NAME
FUNCTION
1
VIN
Input Voltage
2
VSENSE
Current Detection
3
VL
Local Power Supply
4
CE
Chip Enable
5
AGND
Analog Ground
6
MODE
PWM / Current Limit PFM Switch
7
CPRO
Protection Time Setting Capacitor Connection
<Set shutdown time of VOUT when detecting overcurrent>
8
CSS
Soft-start Capacitor Connection
<Set soft-start time>
9
VDIN
Voltage Detector Input (0.9V)
10
FB
Output Voltage Setting Resistor Connection
< Set output voltage freely by split resistors >
11
VDOUT
Voltage Detector Output (Open-Drain)
12
PGND
Power Ground
13
EXT2
Low Side N-ch Driver Transistor
<Connect to Gate of Low Side N-ch MOSFET >
14
LX
Coil Connection
15
EXT1
High Side N-ch Driver Transistor
<Connect to Gate of High Side N-ch MOSFET >
16
BST
Bootstrap
CE PIN
OPERATIONAL STATE
H
Operation
L
Shut down
MODE PIN
OPERATIONAL STATE
Synchronous
H
PWM Control
Non-Synchronous
L
PWM / Current Limit PFM Automatic Switching Control
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
① ②
Reference Voltage
10
: 1.0V (Fixed)
③
Oscillation Frequency
3
: 300kHz
④
Package
V
: TSSOP-16
R
: Embossed tape, standard feed
⑤
Device Orientation
L
: Embossed tape, reverse feed
■PIN CONFIGURATION
■PIN ASSIGNMENT
■PRODUCT CLASSIFICATION
●Ordering Information
XC9213B①②③④⑤
■CE PIN & MODE PIN FUNCTION
TSSOP-16 (TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com