Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH7710 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH7710
Description  SMD Kippsensor mit digitalem Ausgang (SFH 7710) SMD Orientation-Sensor with digital output (SFH 7710) Lead (Pb) Free Product - RoHS Compliant
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH7710 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH7710 Datasheet HTML 1Page - OSRAM GmbH SFH7710 Datasheet HTML 2Page - OSRAM GmbH SFH7710 Datasheet HTML 3Page - OSRAM GmbH SFH7710 Datasheet HTML 4Page - OSRAM GmbH SFH7710 Datasheet HTML 5Page - OSRAM GmbH SFH7710 Datasheet HTML 6Page - OSRAM GmbH SFH7710 Datasheet HTML 7Page - OSRAM GmbH SFH7710 Datasheet HTML 8Page - OSRAM GmbH SFH7710 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2007-10-16
2
SFH 7710
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Versorgungsspannung
Supply voltage
V
cc
-0.2...6
V
Ausgangsspannung
Output voltage
V
o
-0.3...4.5
V
Ausgangsstrom
Output current
I
o
10
mA
Lagertemperatur
Storage temperature range
T
s
-40...100
°C
Elektrostatische Entladung
Electrostatic discharge
- human body model (according to: Class I)
- machine model (according to:
AEC-Q100-003-REV-D, classification M3)
V
ESD
2
200
kV
V
latch up Schutz
latch-up protection
(according to: EIA/JESD78 Class I)
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com