Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RESSCE8MG-CBL-ETH-RJ45-2M Datasheet(PDF) 2 Page - Amphenol PCD, Inc

Part # RESSCE8MG-CBL-ETH-RJ45-2M
Description  KIT RES SCE 8MG
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

RESSCE8MG-CBL-ETH-RJ45-2M Datasheet(HTML) 2 Page - Amphenol PCD, Inc

  RESSCE8MG-CBL-ETH-RJ45-2M Datasheet HTML 1Page - Amphenol PCD, Inc RESSCE8MG-CBL-ETH-RJ45-2M Datasheet HTML 2Page - Amphenol PCD, Inc RESSCE8MG-CBL-ETH-RJ45-2M Datasheet HTML 3Page - Amphenol PCD, Inc RESSCE8MG-CBL-ETH-RJ45-2M Datasheet HTML 4Page - Amphenol PCD, Inc RESSCE8MG-CBL-ETH-RJ45-2M Datasheet HTML 5Page - Amphenol PCD, Inc RESSCE8MG-CBL-ETH-RJ45-2M Datasheet HTML 6Page - Amphenol PCD, Inc RESSCE8MG-CBL-ETH-RJ45-2M Datasheet HTML 7Page - Amphenol PCD, Inc RESSCE8MG-CBL-ETH-RJ45-2M Datasheet HTML 8Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Prasad M
Nikhil W
12-11-2021
C
2/8
191-PLC-973-00
KIT RES-SCE-8MG
/
1
2
3
4
5
6
7
8
1
2
3
6
7
8
A
B
C
D
E
F
A
B
C
D
E
F
ALL
DIMENSIONS
ARE IN MM
DRAWN BY :
UPDATED BY:
LAST APPROVED BY:
ORIGINAL
DRAWING DATE :
CONFIGURATION
DATA ARE
AVAILABLE IN PDM
REV :
PAGE :
AMPHENOL SOCAPEX
B.P. 29 74311 THYEZ CEDEX
APPROVAL FOR MANUFACTURING
Add missing specifications on the drawing if necessary (specific labellings, tolerances,...)
CUSTOMER :
PROGRAM :
CUSTOMER
SIGNATURE
Name :
Date :
______________________________
SCALE :
4
5
1
2
3
4
5
6
7
8
1
2
3
6
7
8
A
B
C
D
E
F
A
B
C
D
E
F
ALL
DIMENSIONS
ARE IN MM
DRAWN BY :
UPDATED BY:
LAST APPROVED BY:
ORIGINAL
DRAWING DATE :
CONFIGURATION
DATA ARE
AVAILABLE IN PDM
REV :
PAGE :
AMPHENOL SOCAPEX
B.P. 29 74311 THYEZ CEDEX
APPROVAL FOR MANUFACTURING
Add missing specifications on the drawing if necessary (specific labellings, tolerances,...)
CUSTOMER :
PROGRAM :
CUSTOMER
SIGNATURE
Name :
Date :
______________________________
SCALE :
4
5
-
ASF
Deepak J
Changed C1 cable reference part number in page 8.
LAST CHANGE :
Changed C1 cable reference part number in page 8.
LAST CHANGE :
Part number
RES-SCE-8EMG
Description
Managed miniature portable Ethernet switch - 8 Gigabit ports - with ENHANCED features
Standards
MIL-STD-1275, MIL-STD-704A, MIL-STD-461E, MIL-STD-810F GM, IP67/68, RTCA/DO-160F
Input Voltage
24Vdc Nominal (16-36 VDC)
Ethernet Switch Description
Pic A
Pic B
Pic C
RES-SCE-8EMG
(For Dimensions refer Pic A,B,C)
B
B
Note:
1. The caps are not all shown.
Les bouchons ne sont pas tous représentés.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com