Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RESSCE8MG-CBL-ETH-RJ45-2M Datasheet(PDF) 7 Page - Amphenol PCD, Inc

Part # RESSCE8MG-CBL-ETH-RJ45-2M
Description  KIT RES SCE 8MG
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

RESSCE8MG-CBL-ETH-RJ45-2M Datasheet(HTML) 7 Page - Amphenol PCD, Inc

  RESSCE8MG-CBL-ETH-RJ45-2M Datasheet HTML 1Page - Amphenol PCD, Inc RESSCE8MG-CBL-ETH-RJ45-2M Datasheet HTML 2Page - Amphenol PCD, Inc RESSCE8MG-CBL-ETH-RJ45-2M Datasheet HTML 3Page - Amphenol PCD, Inc RESSCE8MG-CBL-ETH-RJ45-2M Datasheet HTML 4Page - Amphenol PCD, Inc RESSCE8MG-CBL-ETH-RJ45-2M Datasheet HTML 5Page - Amphenol PCD, Inc RESSCE8MG-CBL-ETH-RJ45-2M Datasheet HTML 6Page - Amphenol PCD, Inc RESSCE8MG-CBL-ETH-RJ45-2M Datasheet HTML 7Page - Amphenol PCD, Inc RESSCE8MG-CBL-ETH-RJ45-2M Datasheet HTML 8Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Prasad M
Nikhil W
12-11-2021
C
7/8
191-PLC-973-00
KIT RES-SCE-8MG
/
1
2
3
4
5
6
7
8
1
2
3
6
7
8
A
B
C
D
E
F
A
B
C
D
E
F
ALL
DIMENSIONS
ARE IN MM
DRAWN BY :
UPDATED BY:
LAST APPROVED BY:
ORIGINAL
DRAWING DATE :
CONFIGURATION
DATA ARE
AVAILABLE IN PDM
REV :
PAGE :
AMPHENOL SOCAPEX
B.P. 29 74311 THYEZ CEDEX
APPROVAL FOR MANUFACTURING
Add missing specifications on the drawing if necessary (specific labellings, tolerances,...)
CUSTOMER :
PROGRAM :
CUSTOMER
SIGNATURE
Name :
Date :
______________________________
SCALE :
4
5
1
2
3
4
5
6
7
8
1
2
3
6
7
8
A
B
C
D
E
F
A
B
C
D
E
F
ALL
DIMENSIONS
ARE IN MM
DRAWN BY :
UPDATED BY:
LAST APPROVED BY:
ORIGINAL
DRAWING DATE :
CONFIGURATION
DATA ARE
AVAILABLE IN PDM
REV :
PAGE :
AMPHENOL SOCAPEX
B.P. 29 74311 THYEZ CEDEX
APPROVAL FOR MANUFACTURING
Add missing specifications on the drawing if necessary (specific labellings, tolerances,...)
CUSTOMER :
PROGRAM :
CUSTOMER
SIGNATURE
Name :
Date :
______________________________
SCALE :
4
5
-
ASF
Deepak J
Changed C1 cable reference part number in page 8.
LAST CHANGE :
Changed C1 cable reference part number in page 8.
LAST CHANGE :
Note A
AAWSS
Year W Week
Année W Semaine
RESSCE 8MG-CBL-ETH-RJ45-2M
XXXXXXXXXXXXXX
Référence de l'article
MS1
60mm
TS1
50mm
Reference article number
Label
Fiche SCE vue arri
ère SCE
plug rear face view
Clé principale
Master coding Key location
Nota A
P1
BT1
ZL1
AD
C1
Cable assembly for LAN ports : RESSCE8MG-CBL-ETH-RJ45-2M
2000
+100
0
150
+25
0
Notes:
1. All dimensions are in millimeter.
Les cotes sont en millimètre.
2. Continuity & insulation resistance test on each S/N.
Test de continuité & résistance d'isolement sur chaque S/N.
3. Packed in sealed bag
Emballé dans un sac étanche.
4. Shielding braid tighten to the connector shell.
Tresse serrée sur la carrosserie.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com