Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RESSCE8MG-CBL-ETH-RJ45-2M Datasheet(PDF) 8 Page - Amphenol PCD, Inc

Part # RESSCE8MG-CBL-ETH-RJ45-2M
Description  KIT RES SCE 8MG
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLPCD [Amphenol PCD, Inc]
Direct Link  https://www.amphenolpcd.com/
Logo AMPHENOLPCD - Amphenol PCD, Inc

RESSCE8MG-CBL-ETH-RJ45-2M Datasheet(HTML) 8 Page - Amphenol PCD, Inc

  RESSCE8MG-CBL-ETH-RJ45-2M Datasheet HTML 1Page - Amphenol PCD, Inc RESSCE8MG-CBL-ETH-RJ45-2M Datasheet HTML 2Page - Amphenol PCD, Inc RESSCE8MG-CBL-ETH-RJ45-2M Datasheet HTML 3Page - Amphenol PCD, Inc RESSCE8MG-CBL-ETH-RJ45-2M Datasheet HTML 4Page - Amphenol PCD, Inc RESSCE8MG-CBL-ETH-RJ45-2M Datasheet HTML 5Page - Amphenol PCD, Inc RESSCE8MG-CBL-ETH-RJ45-2M Datasheet HTML 6Page - Amphenol PCD, Inc RESSCE8MG-CBL-ETH-RJ45-2M Datasheet HTML 7Page - Amphenol PCD, Inc RESSCE8MG-CBL-ETH-RJ45-2M Datasheet HTML 8Page - Amphenol PCD, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Prasad M
Nikhil W
12-11-2021
C
8/8
191-PLC-973-00
KIT RES-SCE-8MG
/
1
2
3
4
5
6
7
8
1
2
3
6
7
8
A
B
C
D
E
F
A
B
C
D
E
F
ALL
DIMENSIONS
ARE IN MM
DRAWN BY :
UPDATED BY:
LAST APPROVED BY:
ORIGINAL
DRAWING DATE :
CONFIGURATION
DATA ARE
AVAILABLE IN PDM
REV :
PAGE :
AMPHENOL SOCAPEX
B.P. 29 74311 THYEZ CEDEX
APPROVAL FOR MANUFACTURING
Add missing specifications on the drawing if necessary (specific labellings, tolerances,...)
CUSTOMER :
PROGRAM :
CUSTOMER
SIGNATURE
Name :
Date :
______________________________
SCALE :
4
5
1
2
3
4
5
6
7
8
1
2
3
6
7
8
A
B
C
D
E
F
A
B
C
D
E
F
ALL
DIMENSIONS
ARE IN MM
DRAWN BY :
UPDATED BY:
LAST APPROVED BY:
ORIGINAL
DRAWING DATE :
CONFIGURATION
DATA ARE
AVAILABLE IN PDM
REV :
PAGE :
AMPHENOL SOCAPEX
B.P. 29 74311 THYEZ CEDEX
APPROVAL FOR MANUFACTURING
Add missing specifications on the drawing if necessary (specific labellings, tolerances,...)
CUSTOMER :
PROGRAM :
CUSTOMER
SIGNATURE
Name :
Date :
______________________________
SCALE :
4
5
-
ASF
Deepak J
Changed C1 cable reference part number in page 8.
LAST CHANGE :
Changed C1 cable reference part number in page 8.
LAST CHANGE :
Notes:
1. All dimensions are in millimeter.
Les cotes sont en millimètre.
2. Continuity & insulation resistance test on each S/N.
Test de continuité & résistance d'isolement sur chaque S/N.
3. Packed in sealed bag
Emballé dans un sac étanche.
4. Shielding braid tighten to the connector shell.
Tresse serrée sur la carrosserie.
Brochage selon TIA 568B/ Pinout type TIA 568B
SCE2
RJ-45
Signal
Couleur / Color
A
1
Tx2
Blanc / White
Orange / Orange
B
2
Rx2
Orange / Orange
C
3
Tx3
Blanc / White
Vert / Green
D
4
Rx1
Bleu / Blue
E
5
Tx1
Blanc / White
Bleu / Blue
F
6
Rx3
Vert / Green
G
7
Tx4
Blanc / White
Marron / Brown
H
8
Rx4
Marron / Brown
J - N
Not connected
Wiring diagram
Sr no Designation Component type
Manufacturer Part number
Manufacturer Unit Qty UOM
1
P1
Connector
SCE2-B-L1K07-14PN
Amphenol
1.00
EA
2
C1
Cordset with RJ45 RJF SFTP 6A 0400 OR ANY SUITABLE LENGTH
Amphenol
0.50
EA
3
BT1
Band Tie
M85049/128-7 OR EQUIVALENT
Glenair
1.00
EA
4
ZL1
Boot
202K121-25-0 OR ANY SUITABLE SIZE
Tyco
1.00
EA
5
AD
Adhesive
S1125-KIT-8
Tyco
AR
EA
6
MS1
HST
RNF100 3/8-4 OR ANY SUITABLE SIZE
Tyco
0.05
M
7
TS1
HST
RNF 100 3/8 -X OR ANY SUITABLE SIZE
Tyco
0.06
M
Bill of material
Cable assembly for LAN ports : RESSCE8MG-CBL-ETH-RJ45-2M



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com