Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV7021 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV7021
Description  TLV7081 Nano-Power, 4-Bump WCSP, Small-Size Comparator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7021 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV7021 Datasheet HTML 3Page - Texas Instruments TLV7021 Datasheet HTML 4Page - Texas Instruments TLV7021 Datasheet HTML 5Page - Texas Instruments TLV7021 Datasheet HTML 6Page - Texas Instruments TLV7021 Datasheet HTML 7Page - Texas Instruments TLV7021 Datasheet HTML 8Page - Texas Instruments TLV7021 Datasheet HTML 9Page - Texas Instruments TLV7021 Datasheet HTML 10Page - Texas Instruments TLV7021 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Temperature (°C)
-40
0
40
80
120
160
2x10-1
1x100
1x101
1x102
1x103
1x104
1x105
ilea
VPULL-UP = 1.8 V
VPULL-UP = 3.3 V
VPULL-UP = 5.0 V
IN (V)
0.1
1
10
0.002
0.01
0.1
1
10
100
1000
5000
ibia
TA = 40qC
TA = 25qC
TA = 85qC
TA = 125qC
Input Overdrive (mV)
10
20
30 40 50
70
100
200
300
500
1.5
3
4.5
6
7.5
9
tPLH
TA = 40qC
TA = 25qC
TA = 125qC
Input Overdrive (mV)
10
20
30 40 50
70
100
200
300
500
1.5
3
4.5
6
7.5
9
tPHL
TA = 40qC
TA = 25qC
TA = 125qC
Input Overdrive (mV)
10
20
30 40 50
70
100
200
300
500
1.5
3
4.5
6
7.5
9
tPLH
TA = 40qC
TA = 25qC
TA = 125qC
Input Overdrive (mV)
10
20
30 40 50
70
100
200
300
500
1.5
3
4.5
6
7.5
9
tPHL
TA = 40qC
TA = 25qC
TA = 125qC
7
TLV7081
www.ti.com
SNOSD69A – MAY 2018 – REVISED JUNE 2018
Product Folder Links: TLV7081
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
6.8 Typical Characteristics
TA = 25°C, VS = 3.3 V, RPULL-UP = 4.99 kΩ, CL = 15 pF
VS = 1.8 V
Figure 3. Propagation Delay (L-H) vs. Input Overdrive
VS = 1.8 V
Figure 4. Propagation Delay (H-L) vs. Input Overdrive
VS = 3.3 V
Figure 5. Propagation Delay (L-H) vs. Input Overdrive
VS = 3.3 V
Figure 6. Propagation Delay (H-L) vs. Input Overdrive
VS = 3.3 V
Figure 7. Input Bias Current vs. IN
Figure 8. Output Leakage Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com