Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV7021 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV7021
Description  TLV7081 Nano-Power, 4-Bump WCSP, Small-Size Comparator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7021 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV7021 Datasheet HTML 4Page - Texas Instruments TLV7021 Datasheet HTML 5Page - Texas Instruments TLV7021 Datasheet HTML 6Page - Texas Instruments TLV7021 Datasheet HTML 7Page - Texas Instruments TLV7021 Datasheet HTML 8Page - Texas Instruments TLV7021 Datasheet HTML 9Page - Texas Instruments TLV7021 Datasheet HTML 10Page - Texas Instruments TLV7021 Datasheet HTML 11Page - Texas Instruments TLV7021 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
VS (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
7
8
9
10
11
vhys
Temp -40°C
Temp 25°C
Temp 85°C
Temp 125°C
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
vio_
VS = 1.8v
VS = 3.3v
VS = 5v
Iout (Sink) (mA)
0.1
1
10
100
0.005
0.01
0.1
1
10
vout
TA = -40°C
TA = 25°C
TA = 125°C
VS (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
0.04
0.08
0.12
0.16
0.2
vio_
Temp -40°C
Temp 25°C
Temp 85°C
Temp 125°C
Iout (Sink) (mA)
0.1
1
10
20
20
0.01
0.1
1
2
vout
TA = -40°C
TA = 25°C
TA = 125°C
Iout (Sink) (mA)
0.1
1
10
50
0.005
0.01
0.1
1
5
5
vout
TA = -40°C
TA = 25°C
TA = 125°C
8
TLV7081
SNOSD69A – MAY 2018 – REVISED JUNE 2018
www.ti.com
Product Folder Links: TLV7081
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C, VS = 3.3 V, RPULL-UP = 4.99 kΩ, CL = 15 pF
VS = 1.8 V
Figure 9. Output Voltage Low vs. Output Sink Current
VS = 3.3 V
Figure 10. Output Voltage Low vs. Output Sink Current
VS = 5 V
Figure 11. Output Voltage Low vs. Output Sink Current
Figure 12. Input Offset vs. VS
Figure 13. Input Offset vs. Temperature
Figure 14. Hysteresis vs VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com