Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV7021 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV7021
Description  TLV7081 Nano-Power, 4-Bump WCSP, Small-Size Comparator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV7021 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV7021 Datasheet HTML 7Page - Texas Instruments TLV7021 Datasheet HTML 8Page - Texas Instruments TLV7021 Datasheet HTML 9Page - Texas Instruments TLV7021 Datasheet HTML 10Page - Texas Instruments TLV7021 Datasheet HTML 11Page - Texas Instruments TLV7021 Datasheet HTML 12Page - Texas Instruments TLV7021 Datasheet HTML 13Page - Texas Instruments TLV7021 Datasheet HTML 14Page - Texas Instruments TLV7021 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
V
+ V
(V
-
TH
OS
HYST
)
/ 2
V
+ V
TH
OS
V
+ V
+
TH
OS
(V
HYST
)
/ 2
11
TLV7081
www.ti.com
SNOSD69A – MAY 2018 – REVISED JUNE 2018
Product Folder Links: TLV7081
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Device Functional Modes (continued)
7.4.1 Inputs
The TLV7081 input extends from V- to 5.6 V which is independent of supply. The input IN can be any voltage
within these limits and no phase inversion of the comparator output occurs.
The input of TLV7081 is fault tolerant. It maintains the same high input impedance when V+ is unpowered or
ramping up. The input can be safely driven up to the specified maximum voltage (5.6 V) with V+ = 0 V or any
value up to the maximum specified.
The input bias current is typically 3 pA for input IN voltages between 0 and 5.6 V. The comparator inputs are
protected from undervoltage by internal diodes connected to V-. As the input voltage goes under V-, the
protection diodes become forward biased and begin to conduct causing the input bias current to increase
exponentially. Input bias current typically doubles for every 10°C temperature increase.
7.4.2 Internal Hysteresis
The device hysteresis transfer curve is shown in Figure 20. This curve is a function of three components: VTH,
VOS, and VHYST:
•
VTH is the actual set voltage or threshold trip voltage.
•
VOS is the internal offset voltage between IN and V+. This voltage is added to VTH to form the actual trip point
at which the comparator must respond to change output states.
•
VHYST is the internal hysteresis (or trip window) that is designed to reduce comparator sensitivity to noise
(10 mV typical).
Figure 20. Hysteresis Transfer Curve
7.4.3 Output
The TLV7081 features an open-drain output stage enabling the output logic levels to be pulled up to an external
source up to 5.5 V independently of the supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com