Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP401 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMP401
Description  TMP401 ±1°C Programmable, Remote and Local, Digital Out Temperature Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP401 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP401 Datasheet HTML 17Page - Texas Instruments TMP401 Datasheet HTML 18Page - Texas Instruments TMP401 Datasheet HTML 19Page - Texas Instruments TMP401 Datasheet HTML 20Page - Texas Instruments TMP401 Datasheet HTML 21Page - Texas Instruments TMP401 Datasheet HTML 22Page - Texas Instruments TMP401 Datasheet HTML 23Page - Texas Instruments TMP401 Datasheet HTML 24Page - Texas Instruments TMP401 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
TMP401
www.ti.com
SBOS371B – AUGUST 2006 – REVISED OCTOBER 2014
7.6.1 Pointer Register
Figure 16 illustrates the internal register structure of the TMP401. The 8-bit pointer register is used to address a
given data register. The pointer register identifies which of the data registers respond to a read or write command
on the two-wire bus. This register is set with every write command. A write command must be issued to set the
proper value in the pointer register before executing a read command. Table 3 describes the pointer address of
the registers available in the TMP401. The power-on reset (POR) value of the pointer register is 00h (0000
0000b).
7.6.2 Temperature Registers
The TMP401 has four 8-bit registers that hold temperature measurement results. Both the local channel and the
remote channel have a high byte register that contains the most significant bits (MSBs) of the temperature ADC
result and a low byte register that contains the least significant bits (LSBs) of the temperature ADC result. The
local channel high byte address is 00h; the local channel low byte address is 15h. The remote channel high byte
is at address 01h; the remote channel low byte address is 10h. These registers are read-only and are updated by
the ADC each time a temperature measurement is completed.
The TMP401 contains circuitry to assure that a low byte register read command returns data from the same ADC
conversion as the immediately preceding high byte read command. This assurance remains valid only until
another register is read. For proper operation, the high byte of a temperature register must be read first. Read
the low byte register in the next read command. The low byte register may be left unread if the LSBs are not
needed. Alternatively, the temperature registers can be read as a 16-bit register by using a single two-byte read
command from address 00h for the local channel result or from address 01h for the remote channel result. The
high byte is output first, followed by the low byte. Both bytes of this read operation are from the same ADC
conversion. The power-on reset value of both temperature registers is 00h.
7.6.3 Limit Registers
The TMP401 has 11 registers for setting comparator limits for both the local and remote measurement channels.
These registers have read and write capability. The high and low limit registers for both channels span two
registers, as do the temperature registers. The local temperature high limit is set by writing the high byte to
pointer address 0Bh and writing the low byte to pointer address 16h, or by using a single two-byte write
command (high byte first) to pointer address 0Bh. The local temperature high limit is obtained by reading the
high byte from pointer address 05h and the low byte from pointer address 16h, or by using a two-byte read
command from pointer address 05h. The power-on reset value of the local temperature high limit is 55h,
standard, and 00h, extended (+85°C in standard temperature mode; +21°C in extended temperature mode).
Similarly, the local temperature low limit is set by writing the high byte to pointer address 0Ch and writing the low
byte to pointer address 17h, or by using a single two-byte write command to pointer address 0Ch. The local
temperature low limit is read by reading the high byte from pointer address 06h and the low byte from pointer
address 17h, or by using a two-byte read from pointer address 06h. The power-on reset value of the local
temperature low limit register is 00h, standard and extended (0°C in standard temperature mode; –64°C in
extended mode).
The remote temperature high limit is set by writing the high byte to pointer address 0Dh and writing the low byte
to pointer address 13h, or by using a two-byte write command to pointer address 0Dh. The remote temperature
high limit is obtained by reading the high byte from pointer address 07h and the low byte from pointer address
13h, or by using a two-byte read command from pointer address 07h. The power-on reset value of the remote
temperature high limit register is 55h, standard, and 00h, extended (+85°C in standard temperature mode; +21°C
in extended temperature mode).
The remote temperature low limit is set by writing the high byte to pointer address 0Eh and writing the low byte to
pointer address 14h, or by using a two-byte write to pointer address 0Eh. The remote temperature low limit is
read by reading the high byte from pointer address 08h and the low byte from pointer address 14h, or by using a
two-byte read from pointer address 08h. The power-on reset value of the remote temperature low limit register is
00h, standard and extended (0°C in standard temperature mode; –64°C in extended mode).
Copyright © 2006–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TMP401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com