Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP401 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMP401
Description  TMP401 ±1°C Programmable, Remote and Local, Digital Out Temperature Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP401 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP401 Datasheet HTML 8Page - Texas Instruments TMP401 Datasheet HTML 9Page - Texas Instruments TMP401 Datasheet HTML 10Page - Texas Instruments TMP401 Datasheet HTML 11Page - Texas Instruments TMP401 Datasheet HTML 12Page - Texas Instruments TMP401 Datasheet HTML 13Page - Texas Instruments TMP401 Datasheet HTML 14Page - Texas Instruments TMP401 Datasheet HTML 15Page - Texas Instruments TMP401 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
TMP401
SBOS371B – AUGUST 2006 – REVISED OCTOBER 2014
www.ti.com
7.3 Feature Description
7.3.1 Standard and Extended Temperature Measurement Range
Temperature measurement data are taken over a default range of 0°C to +127°C for both local and remote
locations. Measurements from –55°C to +150°C can be made both locally and remotely by reconfiguring the
TMP401 for the extended temperature range. To change the TMP401 configuration from the standard to the
extended temperature range, switch bit 2 (RANGE) of the configuration register from low to high.
Temperature data resulting from conversions within the default measurement range are represented in binary
form, as shown in Table 1 (see the Standard Binary column). Note that any temperature below 0°C results in a
data value of zero (00h). Likewise, temperatures above +127°C result in a value of 127 (7Fh). The device can be
set to measure over an extended temperature range by changing bit 2 of the configuration register from low to
high. The change in measurement range and data format from standard binary to extended binary occurs at the
next temperature conversion. For data captured in the extended temperature range configuration, an offset of 64
(40h) is added to the standard binary value, as shown in Table 1 (see the Extended Binary column). This
configuration allows measurement of temperatures below 0°C. Note that binary values corresponding to
temperatures as low as –64°C, and as high as +191°C are possible; however, most temperature-sensing diodes
only measure with the range of –55°C to +150°C. Additionally, the TMP401 is rated only for ambient
temperatures ranging from –40°C to +125°C. Parameters in the Absolute Maximum Ratings table must be
followed.
Table 1. Temperature Data Format (Local and Remote Temperature High Bytes)
LOCAL, REMOTE TEMPERATURE REGISTER HIGH BYTE VALUE (+1°C Resolution)
TEMPERATURE (°C)
STANDARD BINARY
EXTENDED BINARY
BINARY
HEX
BINARY
HEX
–64
0000 0000
00
0000 0000
00
–50
0000 0000
00
0000 1110
0E
–25
0000 0000
00
0010 0111
27
0
0000 0000
00
0100 0000
40
1
0000 0001
01
0100 0001
41
5
0000 0101
05
0100 0101
45
10
0000 1010
0A
0100 1010
4A
25
0001 1001
19
0101 1001
59
50
0011 0010
32
0111 0010
72
75
0100 1011
4B
1000 1011
8B
100
0110 0100
64
1010 0100
A4
125
0111 1101
7D
1011 1101
BD
127
0111 1111
7F
1011 1111
BF
150
0111 1111
7F
1101 0110
D6
175
0111 1111
7F
1110 1111
EF
191
0111 1111
7F
1111 1111
FF
NOTE
Whenever changing between standard and extended temperature ranges, be aware that
the temperatures stored in the temperature limit registers are NOT automatically
reformatted to correspond to the new temperature range format. These temperature limit
values must be reprogrammed in the appropriate binary or extended binary format.
Both local and remote temperature data use two bytes for data storage. The high byte stores the temperature
with 1°C resolution. The second or low byte stores the decimal fraction value of the temperature and allows a
higher measurement resolution; see Table 2. The measurement resolution for the remote channel is 0.0625°C,
and is not adjustable. The measurement resolution for the local channel is adjustable and can be set for 0.5°C,
0.25°C, 0.125°C, or 0.0625°C by setting the RES1 and RES0 bits of the resolution register; see the Resolution
Register section.
12
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: TMP401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com