Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1718LF-DS-R04 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # IP1718LF-DS-R04
Description  18-port 10/100Mbps Smart Switch Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1718LF-DS-R04 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button IP1718LF-DS-R04 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP1718LF-DS-R04 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP1718LF-DS-R04 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP1718LF-DS-R04 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP1718LF-DS-R04 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP1718LF-DS-R04 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP1718LF-DS-R04 Datasheet HTML 18Page - List of Unclassifed Manufacturers IP1718LF-DS-R04 Datasheet HTML 19Page - List of Unclassifed Manufacturers IP1718LF-DS-R04 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
IP1718 LF
Preliminary Data Sheet
16/33
January 27, 2005
Copyright © 2003, IC Plus Corp.
IP1718 LF-DS-R05
5
System Operation
5.1
Reset and EEPROM Download Procedure
The reset input should be kept at “0” for more than 1.6 microsecond after power up. After detecting the
rising edge of reset input, the IP1718 LF will start downloading the content of EEPROM(acting like an
EEPROM master).
The internal register address of the IP1718 LF should comply with the address of EEPROM. Being an
EEPROM master, the IP1718 LF will download the content of EEPROM with EEPROM ID “1726H”.
The mapping relationship between the IP1718 LF registers and the EEPROM address are depicted as
the following table.
EEPROM address
EEPROM content
IP1718 LF Register
00H
17H
XX
01H
26H
XX
02H
Expected value
01H[15:8]
03H
Expected value
01H[7:0]
04H
Expected value
02H[15:8]
05H
Expected value
02H[7:0]
••••••
••••••
••••••
••••••
••••••
••••••
FCH
Expected value
7EH[15:8]
FDH
Expected value
7EH[8:0]
Note:
1.
The EEPROM ID should be set to “3’b000”; i.e. A2=0; A1=0; A0=0
2.
The IP1718 LF download the content of the EEPROM ranging from address 00H to FDH; i.e. the
register beyond this range is not recognized by the IP1718 LF.
3.
The ID for IP1718 LF recognition should be set at address 00H and address 01H as stated in the
table.
5.2
Polling/Writing the PHY
The IP1718 LF periodically, around 2.8ms for each access cycle, read the status of the PHY through
MDC, MDIO management signals. The PHY registers that will be read/write are 0, 1, 4 and 5. After
reading the PHY status, the IP1718 LF will reconfigure the internal MAC to meet the operating mode of
the PHY.
The relationship between the port ID and the PHY ID is shown below.
IP1718 LF Port
ID
Port 1 to Port 24
Port 17
Port 18
PHY ID
address 8 to address 31
address 4
address 5
Comment
The smallest ID of the IP1718 LF
corresponds to the smallest PHY ID.
Table 5.1 The Relationship between PHY ID and the IP1718 LF Port ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com