Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1718LF-DS-R04 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # IP1718LF-DS-R04
Description  18-port 10/100Mbps Smart Switch Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1718LF-DS-R04 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button IP1718LF-DS-R04 Datasheet HTML 21Page - List of Unclassifed Manufacturers IP1718LF-DS-R04 Datasheet HTML 22Page - List of Unclassifed Manufacturers IP1718LF-DS-R04 Datasheet HTML 23Page - List of Unclassifed Manufacturers IP1718LF-DS-R04 Datasheet HTML 24Page - List of Unclassifed Manufacturers IP1718LF-DS-R04 Datasheet HTML 25Page - List of Unclassifed Manufacturers IP1718LF-DS-R04 Datasheet HTML 26Page - List of Unclassifed Manufacturers IP1718LF-DS-R04 Datasheet HTML 27Page - List of Unclassifed Manufacturers IP1718LF-DS-R04 Datasheet HTML 28Page - List of Unclassifed Manufacturers IP1718LF-DS-R04 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
IP1718 LF
Preliminary Data Sheet
25/33
January 27, 2005
Copyright © 2003, IC Plus Corp.
IP1718 LF-DS-R05
Register
Address
Register Description
Attribute
Default
value
6BH
Port Mirroring Configuration 0
bit[15:0] : p16~p01 monitored port (source port)
0 : this port is not monitored
1 : this port is monitored
The LSB corresponds to port 1.
R/W
16’h0000
6CH
Port Mirroring Configuration 1
bit[9:8] : p18~p17 monitored port (source port)
0 : this port is not monitored
1 : this port is monitored
The bit 8 corresponds to port 17.
R/W
10’h000
6DH
Port Mirroring Configuration 2
bit[4:0] : the snooping port(destination)
5'h0: port 1
….
….
5’h15: port 16
5’h19: port 17
5’h1A: port 18
bit[6:5] : the port snooping scheme
00 : disabled
01 : egress
10 : ingress
11 : egress/ingress
R/W
7’d0
6EH
(Reserved)
6FH
CPU read/write MAC address table Configuration
bit[11:0] : the 4K SRAM address for MAC address table
bit[12] : read/write configuration
0 : read
1 : write
bit[13] : 70H data indicator
0 : 70H is the data read from the table
1 : 70H is the data to be written to table
bit[14] : read/write enable
0 : No action
1 : read/write table
bit[15] : command complete
R/W
16’h0000
70H
CPU read/write table Data [15:0]
Store the data read from table for read command
Store the data to be written to table for write command
R/W
16’d0
71H
CPU read/write table Data [31:16]
Store the data read from table for read command
Store the data to be written to table for write command
R/W
16’d0
72H
CPU read/write table Data [45:32]
Store the data read from table for read command
Store the data to be written to table for write command
R/W
14’d0
73H
Auto negotiation for port16~pot1, 1 bit per port
bit[15:0] : 0: auto negotiation disabled
1: auto negotiation enabled
R/W
16’hffff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com