Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1718LF-DS-R04 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # IP1718LF-DS-R04
Description  18-port 10/100Mbps Smart Switch Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1718LF-DS-R04 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button IP1718LF-DS-R04 Datasheet HTML 18Page - List of Unclassifed Manufacturers IP1718LF-DS-R04 Datasheet HTML 19Page - List of Unclassifed Manufacturers IP1718LF-DS-R04 Datasheet HTML 20Page - List of Unclassifed Manufacturers IP1718LF-DS-R04 Datasheet HTML 21Page - List of Unclassifed Manufacturers IP1718LF-DS-R04 Datasheet HTML 22Page - List of Unclassifed Manufacturers IP1718LF-DS-R04 Datasheet HTML 23Page - List of Unclassifed Manufacturers IP1718LF-DS-R04 Datasheet HTML 24Page - List of Unclassifed Manufacturers IP1718LF-DS-R04 Datasheet HTML 25Page - List of Unclassifed Manufacturers IP1718LF-DS-R04 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
IP1718 LF
Preliminary Data Sheet
22/33
January 27, 2005
Copyright © 2003, IC Plus Corp.
IP1718 LF-DS-R05
Register
Address
Register Description
Attribute
Default
value
2FH
bit[0] : Hash algorithm selection
0 : CRC mapping
1 : Direct mapping
bit[1] : Address table aging function disable
0 : aging function enabled
1 : aging function disabled
bit[3:2] : Trunk ID hash algorithm selection
2'b00 : Port ID(the least significant 2 bits of the result of
port ID +1);
Note:
The port ID is counted from 1 to 18.
2'b01 : SA(the least significant 2 bits of the source MAC
address)
2'b10 : DA(address bit 16 is mapped to trunk ID[1] and
address bit 0 is mapped to trunk ID[0] );
2'b11 : SA XOR DA(the result of the XOR operation
described above)
bit[4] : Broadcast Strom Control enable
0 : broadcast storm control disabled
1 : broadcast storm control enabled
bit[5] : Auto turn on/off flow control when priority queue enable
0 : normal flow control
1 : auto turn on/off flow control
bit[6] : Broadcast frames egress is blocked for port 17
0 : Broadcast frames send to port 17
1 : Broadcast frames do not send to port 17
bit[7] : Broadcast frames egress is blocked for port 18
R/W
8’h0
30H
bit[7:0] : Aging timer
The aging time is about : (aging_timer + 1) x 30.7 +-6.7% sec.
bit[14:8] : Broadcast storm control threshold
The broadcast frame number allow in one time unit
The time period is 1ms for 100M speed
The time period is 10ms for 10M speed
R/W
8’d9
8h’7f
31H
Enable Source MAC address learning function for port16~1
bit[15:0] : 0: disable learning
1: enable learning
R/W
16’hffff
32H
Enable Source MAC address learning function for port 18~ port 17
bit[9:8] : 0: disable learning
1: enable learning
R/W
10’h3ff
33H
Security configuration
bit[0] : Drop the unknown SA frame going to port 18
0 : forward
1 : Drop
bit[1] : forward unknown Source MAC address frame when the
address learning function is disabled
0 : drop the frame with unknown source MAC addreess
1 : forward the frame with unknown source MAC addreess
R/W
2’b10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com