Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2349 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST2349
Description  4-bit dual supply level translator without direction control pin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2349 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST2349 Datasheet HTML 9Page - STMicroelectronics ST2349 Datasheet HTML 10Page - STMicroelectronics ST2349 Datasheet HTML 11Page - STMicroelectronics ST2349 Datasheet HTML 12Page - STMicroelectronics ST2349 Datasheet HTML 13Page - STMicroelectronics ST2349 Datasheet HTML 14Page - STMicroelectronics ST2349 Datasheet HTML 15Page - STMicroelectronics ST2349 Datasheet HTML 16Page - STMicroelectronics ST2349 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
ST2349
Electrical characteristics
13/23
5.2
AC characteristics (device driven by totem pole driver )
Table 10.
AC characteristics (test conditions: VL =1.65 1.8 V (load CL =15 pF; Rup =10kΩ; driver
tr =tf 2 ns) over temperature range -40 °C to 85 °C)
Symbol
Parameter
VCC =1.8–2.5 V
VCC =2.7–3.6 V
VCC =4.3 – 5.5 V
Unit
Min
Max
Min
Max
Min
Max
tRVCC
Rise time I/OVCC
73
4
ns
tFVCC
Fall time I/OVCC
73
3
ns
tRVL
Rise time I/OVL
64
5
ns
tFVL
Fall time I/OVL
44
4
ns
tI/OVL-
VCC
Propagation delay time
I/OVL-LH to I/OVCC-LH
I/OVL-HL to I/OVCC-HL
tPLH
65
4
ns
tPHL
55
5
ns
tI/OVCC-
VL
Propagation delay time
I/OVCC-LH to I/OVL-LH
I/OVCC-HL to I/OVL-HL
tPLH
65
4
ns
tPHL
4.5
5.2
7
ns
tPZL tPZH
tPLZ tPHZ
Output enable and
disable time
En
10
10
10
ns
Dis
40
40
40
ns
DR
Data rate(1)
1.
The data rate is guaranteed based on the condition that the output I/O signal rise/fall time is less than 15% of the input I/O
signal period; the input I/O signal is at 50% duty cycle and the output I/O signal duty cycle deviation not less than 30%.
12
32
32
MHz
Table 11.
AC characteristics (test conditions: VL =2.5 2.7 V (load CL =15pF; Rup =10kΩ; driver
tr =tf 2 ns) over temperature range -40 °C to 85 °C)
Symbol
Parameter
VCC =2.7
3.6 V
VCC =4.3
5.5 V
Unit
Min
Max
Min
Max
tRVCC
Rise time I/OVCC
64
ns
tFVCC
Fall time I/OVCC
33
ns
tRVL
Rise time I/OVL
55
ns
tFVL
Fall time I/OVL
33
ns
tI/OVL-VCC
Propagation delay time
I/OVL-LH to I/OVCC-LH
I/OVL-HL to I/OVCC-HL
tPLH
3.5
3
ns
tPHL
44
ns
tI/OVCC-VL
Propagation delay time
I/OVCC-LH to I/OVL-LH
I/OVCC-HL to I/OVL-HL
tPLH
2.5
2.1
ns
ns
tPHL
44
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com