Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2349 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST2349
Description  4-bit dual supply level translator without direction control pin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2349 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST2349 Datasheet HTML 12Page - STMicroelectronics ST2349 Datasheet HTML 13Page - STMicroelectronics ST2349 Datasheet HTML 14Page - STMicroelectronics ST2349 Datasheet HTML 15Page - STMicroelectronics ST2349 Datasheet HTML 16Page - STMicroelectronics ST2349 Datasheet HTML 17Page - STMicroelectronics ST2349 Datasheet HTML 18Page - STMicroelectronics ST2349 Datasheet HTML 19Page - STMicroelectronics ST2349 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Waveforms
ST2349
16/23
6
Waveforms
Figure 5.
Waveform - propagation delay (f = 1 MHz; 50% duty cycle)
Table 14.
Waveform symbol value
Symbol
Driving I/OVL
Driving I/OVCC
1.8 V
≤ VL ≤ VCC
2.5 V
3.3 V
≤ VL ≤ VCC
5.0 V
1.8 V
≤ VL ≤ VCC
2.5 V
3.3V
≤ VL ≤ VCC
5.0 V
VIH
VL
VL
VCC
VCC
VIM
50% VL
50% VL
50% VCC
50% VCC
VOM
50% VCC
50% VCC
50% VL
50% VL
VX
VOL +0.15V
VOL +0.3V
VOL +0.15V
VOL +0.3V
VY
VOH -0.15V
VOH -0.3V
VOH -0.15V
VOH -0.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com