Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2349 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST2349
Description  4-bit dual supply level translator without direction control pin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2349 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST2349 Datasheet HTML 14Page - STMicroelectronics ST2349 Datasheet HTML 15Page - STMicroelectronics ST2349 Datasheet HTML 16Page - STMicroelectronics ST2349 Datasheet HTML 17Page - STMicroelectronics ST2349 Datasheet HTML 18Page - STMicroelectronics ST2349 Datasheet HTML 19Page - STMicroelectronics ST2349 Datasheet HTML 20Page - STMicroelectronics ST2349 Datasheet HTML 21Page - STMicroelectronics ST2349 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Package mechanical data
ST2349
18/23
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 7.
QFN16L (2.6 x 1.8 mm) package outline
1.
Drawing not to scale.
2.
Dimensions are in millimeters.
BOTTOM VIEW
QFN16L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com