Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTG6SP Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LTG6SP
Description  Advanced Power TOPLED Enhanced optical Power LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTG6SP Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LTG6SP Datasheet HTML 5Page - OSRAM GmbH LTG6SP Datasheet HTML 6Page - OSRAM GmbH LTG6SP Datasheet HTML 7Page - OSRAM GmbH LTG6SP Datasheet HTML 8Page - OSRAM GmbH LTG6SP Datasheet HTML 9Page - OSRAM GmbH LTG6SP Datasheet HTML 10Page - OSRAM GmbH LTG6SP Datasheet HTML 11Page - OSRAM GmbH LTG6SP Datasheet HTML 12Page - OSRAM GmbH LTG6SP Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
LB G6SP, LT G6SP
2007-08-08
9
Relative Lichtstärke
2) Seite 17
Relative Luminous Intensity
2) page 17
I
V/IV(25 °C) = f (Tj); IF = 140 mA
Dominante Wellenlänge
2) Seite 17
Dominant Wavelength
2) page 17
LT
,
λ
dom = f (Tj); IF = 140 mA
Relative Vorwärtsspannung
2) Seite 17
Relative Forward Voltage
2) page 17
ΔV
F = VF - VF(25 °C) = f (Tj); IF = 140 mA
Dominante Wellenlänge
2) Seite 17
Dominant Wavelength
2) page 17
LB
,
λ
dom = f (Tj); IF = 140 mA
-60
0
-40 -20
0
20
V (25 ˚C)
I
IV
˚C
60
40
Tj
100
OHL02584
0.2
0.4
0.6
0.8
1.0
1.4
true green
blue
OHL02773
dom
λ
527.0
nm
-60
-20
-40
0
20
˚C
40 60
100
Tj
527.5
528.0
528.5
529.5
OHL02772
-0.25
V
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.50
-60
-20
-40
0
20
˚C
40 60
100
Tj
Δ
F
V
OHL02774
dom
λ
468.0
nm
-60
-20
-40
0
20
˚C
40 60
100
Tj
468.5
469.0
469.5
470.0
470.5
471.0
472.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com