Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTG6SP Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LTG6SP
Description  Advanced Power TOPLED Enhanced optical Power LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTG6SP Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LTG6SP Datasheet HTML 6Page - OSRAM GmbH LTG6SP Datasheet HTML 7Page - OSRAM GmbH LTG6SP Datasheet HTML 8Page - OSRAM GmbH LTG6SP Datasheet HTML 9Page - OSRAM GmbH LTG6SP Datasheet HTML 10Page - OSRAM GmbH LTG6SP Datasheet HTML 11Page - OSRAM GmbH LTG6SP Datasheet HTML 12Page - OSRAM GmbH LTG6SP Datasheet HTML 13Page - OSRAM GmbH LTG6SP Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
LB G6SP, LT G6SP
2007-08-08
10
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (TS)
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 25 °C
*The emitter die exhibits excellent performance
but slight package discoloration occurs at highest
temperatures.The median lifetime depends on the
application
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A = 85 °C
temp. ambient
temp. solder point
0
0
A
S
T
T
˚C
T
IF
mA
S
T
OHL02777
TA
20
40
60
80
110
20
40
60
80
100
120
140
160
180
200
220
260
0
-1
-2
-3
-4
-5
-6
10
10 10
10 10 10 10
0
0.05
0.10
0.15
0.20
0.25
2
tp
s 10
OHL02778
0.35
0.30
0.40
IF
0.45
0.55
A
0.005
0.2
0.5
1
0.1
0.05
0.02
0.01
D =
D
P
T
=
t
T
t
P
IF
Exemplarische durchschnittliche Lebens-
dauer für mittlere Helligkeitsgruppe
2) Seite 17
Exemplary median Lifetime
2) page 17
for median Brightness Group
Bedingungen
Conditions
mittlere
Lebensdauer
median
Lifetime
Einheit
Unit
I
F = 125 mA
T
A = 25°C
50.000
Betriebsstunden
operating hours
I
F = 100 mA
T
A = 85°C
10.000
Betriebsstunden
operating hours
I
F = 140 mA
T
S = 125°C
T
J = 150°C
7.000
*
Betriebsstunden
operating hours
I
F = 140 mA
T
S = 150°C
T
J = 175°C
500
*
Betriebsstunden
operating hours
10
10
0
-2
-3
-4
-5
-6 10 10 10 10
F
I
2
0
-1 10
tp
s 10
0.05
0.2
0.1
0.5
1
OHL02780
0.01
0.005
D
0.02
=
0.05
0.10
0.15
0.20
0.25
0.35
0.30
0.40
0.45
0.55
A
=
D
T
P
t
F
T
t
P
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com