Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1001-DS-R01 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # IP1001-DS-R01
Description  Integrated 10/100/1000 Gigabit Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1001-DS-R01 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button IP1001-DS-R01 Datasheet HTML 35Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 36Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 37Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 38Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 39Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 40Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 41Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 42Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
IP1001 LF
Data Sheet
39/48
Dec. 18, 2007
Copyright © 2006, IC Plus Corp.
IP1001-DS-R06
Bit
Name
Description
Type
HW
Reset
SW
Reset
0 = Disable Jabber
16.10
Heart beat
1 = Enable Heart beat
0 = Disable Heart beat
RW
0
NA
16.11
Smart Speed
1 = Downshift to 100Mbps when 1000Mbps
link fails
0 = No Downshift
RW
1
NA
16.12
Reserved
The default value (1) should be adopted for
normal operation.
1
NA
16.13
LED_DRIVE
This bit is used to adjust LED driving current
1’b0
1’b1
4mA
8mA
RW
0
NA
16[15:14] LED_MODE[1:0] These 2 bits are used to select LED
displaying mode
(Pin 55 sets the default value of bit14)
RW
0
Pin55
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com