Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1001-DS-R01 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # IP1001-DS-R01
Description  Integrated 10/100/1000 Gigabit Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1001-DS-R01 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button IP1001-DS-R01 Datasheet HTML 40Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 41Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 42Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 43Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 44Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 45Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 46Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 47Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 48Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 48 / 48 page
background image
IP1001 LF
Data Sheet
7
Package Detail
64 QFN Outline Dimensions
D2
E2
“A"
e
A
“B"
Seating Plane
eee C
D
D1
E
E1
1
64
aaa C
B
A
aaa C
fff M C A B
fff M C A B
b
L
4XΘ
A1
A3
A2
A
DETAIL :“B"
C
// ccc C
DETAIL :“A"
0.6max
b
Optional
Exposed support bar
(See list “*")
K
R
bbbM C A B
dddM C
Dimension in mm
Dimension in inch
Min
Max
Nom
A
Symbol
A1
A2
Min
Max
Nom
A3
b
D/E
D1/E1
e
L
Θ
R
K
aaa
bbb
ccc
ddd
eee
fff
0.80
0.85
1.00
0.00
0.02
0.05
0.60
0.65
0.80
0.031
0.033
0.039
0.000
0.001
0.002
0.024
0.026
0.031
0.20REF
0.008REF
0.18
0.25
0.30
0.007
0.010
0.012
9.00BSC
8.75BSC
0.50BSC
0.354BSC
0.344BSC
0.020BSC
0.30
0.40
0.50
0.012
0.016
0.020
0
°
14°
0
°
14°
0.09
0.20
0.15
0.10
0.10
0.05
0.08
0.10
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
0.004
0.008
0.006
0.004
0.004
0.002
0.004
0.003
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
NOTE:
CONTROLLING DIMENSION : MILLIMETER
Exposed Pad Size
D2/E2 (mm)
D2/E2 (inch)
Min
Max
Nom
Min
Max
Nom
5.49
5.64
5.79
0.216
0.222
0.228
N
*
IC Plus Corp.
Headquarters
Sales Office
10F, No.47, Lane 2, Kwang-Fu Road, Sec. 2,
4F, No. 106, Hsin-Tai-Wu Road, Sec.1,
Hsin-Chu City, Taiwan 300, R.O.C.
Hsi-Chih, Taipei Hsien, Taiwan 221, R.O.C.
TEL : 886-3-575-0275
FAX : 886-3-575-0475
TEL : 886-2-2696-1669
FAX : 886-2-2696-2220
Website: www.icplus.com.tw
Dec. 18, 2007
48/48
Copyright © 2006, IC Plus Corp.
IP1001-DS-R06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com