Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1001-DS-R01 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # IP1001-DS-R01
Description  Integrated 10/100/1000 Gigabit Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1001-DS-R01 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button IP1001-DS-R01 Datasheet HTML 40Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 41Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 42Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 43Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 44Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 45Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 46Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 47Page - List of Unclassifed Manufacturers IP1001-DS-R01 Datasheet HTML 48Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
IP1001 LF
Data Sheet
5.3.5
SMI Timing
a. MDC/MDIO Timing Requirements
Symbol
Description
Min.
Typ.
Max.
Unit
Tch
MDC0 High Time
40
-
-
ns
Tcl
MDC0 Low Time
40
-
-
ns
Tcm
MDC0 period
80
-
-
ns
Tmd
MDIO0 output delay
-
-
5
ns
Tmh
MDIO0 setup time
10
-
-
ns
Tms
MDIO0 hold time
10
-
-
ns
MD C
MD IO
T ms
T mh
W r ite C y cle
T cl
T ch
T cm
T md
MD C
MD IO
R ead C y cle
5.4
Thermal Data
Theta Ja
Theta Jc
Conditions
Units
24.5
11.1
4 Layer PCB; air
flow@ 0m/sec
oC/ W
68.6
14.2
2 Layer PCB; air
flow@ 0m/sec
oC/ W
6
Order Information
Part No.
Package
Notice
IP1001 LF
64-PIN QFN
Lead free
Dec. 18, 2007
47/48
Copyright © 2006, IC Plus Corp.
IP1001-DS-R06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com