Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1001-DS-R05 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # IP1001-DS-R05
Description  Integrated 10/100/1000 Gigabit Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1001-DS-R05 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button IP1001-DS-R05 Datasheet HTML 36Page - List of Unclassifed Manufacturers IP1001-DS-R05 Datasheet HTML 37Page - List of Unclassifed Manufacturers IP1001-DS-R05 Datasheet HTML 38Page - List of Unclassifed Manufacturers IP1001-DS-R05 Datasheet HTML 39Page - List of Unclassifed Manufacturers IP1001-DS-R05 Datasheet HTML 40Page - List of Unclassifed Manufacturers IP1001-DS-R05 Datasheet HTML 41Page - List of Unclassifed Manufacturers IP1001-DS-R05 Datasheet HTML 42Page - List of Unclassifed Manufacturers IP1001-DS-R05 Datasheet HTML 43Page - List of Unclassifed Manufacturers IP1001-DS-R05 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
IP1001 LF
Data Sheet
40/48
Dec. 18, 2007
Copyright © 2006, IC Plus Corp.
IP1001-DS-R06
4.14
PHY Link Status Register (Reg17)
Bit
Name
Description
Type
HW
Reset
SW
Reset
17[8:0]
Reserved
RO
0
17.9
Jabber Detected 0: 10Base Jabber not detected
1: 10Base Jabber detected
RO
0
17.10
APS_Sleep
0: Normal Operation
1: APS sleep mode is entered
RO
0
0: MDI
1: MDIX
MDI
MDIX
1G
100M 10M
1G
100M 10M
MDI0 A
TX
TX
B
RX
RX
MDI1 B
RX
RX
A
TX
TX
MDI2 C
--
--
D
--
--
17.11
MDI/MDIX
MDI3 D
--
--
C
--
--
RO
0
17.12
Link_Duplex
0: link at half duplex
1: link at full duplex
It is valid only if bit 15 is 1.
RO
0
17[14:13] Link_Speed[1:0] 2’b00: link at 10Base-T
2’b01: link at 100Base-TX
2’b10: link at 1000Base-T
2’b11: Reserved
It is valid only if bit 15 is 1.
RO
0
17.15
Link_Status
1: link up
0: link down
RO
0
Register 18~19 are reserved registers. User is inhibited to access to these registers. It may introduce
abnormal function to write these registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com