Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1001-DS-R05 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # IP1001-DS-R05
Description  Integrated 10/100/1000 Gigabit Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1001-DS-R05 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button IP1001-DS-R05 Datasheet HTML 38Page - List of Unclassifed Manufacturers IP1001-DS-R05 Datasheet HTML 39Page - List of Unclassifed Manufacturers IP1001-DS-R05 Datasheet HTML 40Page - List of Unclassifed Manufacturers IP1001-DS-R05 Datasheet HTML 41Page - List of Unclassifed Manufacturers IP1001-DS-R05 Datasheet HTML 42Page - List of Unclassifed Manufacturers IP1001-DS-R05 Datasheet HTML 43Page - List of Unclassifed Manufacturers IP1001-DS-R05 Datasheet HTML 44Page - List of Unclassifed Manufacturers IP1001-DS-R05 Datasheet HTML 45Page - List of Unclassifed Manufacturers IP1001-DS-R05 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
IP1001 LF
Data Sheet
42/48
Dec. 18, 2007
Copyright © 2006, IC Plus Corp.
IP1001-DS-R06
5
Electrical Characteristics
5.1
Absolute Maximum Rating
Stresses exceed those values listed under Absolute Maximum Ratings may cause permanent damage to the
device. Functional performance and device reliability are not guaranteed under these conditions. All voltages
are specified with respect to GND.
Supply Voltage
–0.3V to 4.0V
Input Voltage
–0.3V to 5.0V
Output Voltage
–0.3V to 5.0V
Storage Temperature
-65
°C to 150°C
Ambient Operating Temperature (Ta)
-10
°C to 70°C
5.2
DC. Characteristic
Symbol
Conditions
Minimum
Typical
Maximum
Note
DVDD
Digital core supply voltage
1.2V
AVDD
Analog core supply voltage
1.7V
1.8V
2.2V
VDDO
I/O pad supply voltage
3.0V
3.3V
3.6V
GMII/MII
VDDO
I/O pad supply voltage
1.88V
2.5V
2.75V
RGMII
AVDDH
Analog supply voltage
3.0V
3.3V
3.6V
GMII/MII
AVDDH
Analog supply voltage
2.4V
2.5V
2.75V
RGMII
VCT
Transformer center tap voltage
2.1V
2.5V
2.75V
TA
Operating Temperature
-10
°C
70
°C
Input Clock
Parameter
Sym.
Min.
Typ.
Max.
Unit
Conditions
Frequency
25
MHz
Frequency Tolerance
-50
+50
PPM
I/O Electrical Characteristics
Symbol
Specific Name
Condition
Min
Max
VIH
Input High Vol.
0.5*Vcc
Vcc+0.5V
VIL
Input Low Vol.
-0.5V
0.3*Vcc
VOH
Output High Vol.
0.9*Vcc
Vcc
VOL
Output Low Vol.
0.1*Vcc
IOZ
Tri-state Leakage
Vout=Vcc or GND
IIN
Input Current
Vin=Vcc or GND
Icc
Average Operating Supply Current
Iout=0mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com