Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1001-DS-R05 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IP1001-DS-R05
Description  Integrated 10/100/1000 Gigabit Ethernet Transceiver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP1001-DS-R05 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button IP1001-DS-R05 Datasheet HTML 3Page - List of Unclassifed Manufacturers IP1001-DS-R05 Datasheet HTML 4Page - List of Unclassifed Manufacturers IP1001-DS-R05 Datasheet HTML 5Page - List of Unclassifed Manufacturers IP1001-DS-R05 Datasheet HTML 6Page - List of Unclassifed Manufacturers IP1001-DS-R05 Datasheet HTML 7Page - List of Unclassifed Manufacturers IP1001-DS-R05 Datasheet HTML 8Page - List of Unclassifed Manufacturers IP1001-DS-R05 Datasheet HTML 9Page - List of Unclassifed Manufacturers IP1001-DS-R05 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP1001-DS-R05 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
IP1001 LF
Data Sheet
7/48
Dec. 18, 2007
Copyright © 2006, IC Plus Corp.
IP1001-DS-R06
Pin description (continued)
Pin no.
Label
Type
Description
MAC Interface
GMII
RGMII
MII
57
GTX_CLK TXC
--
I
GMII/RGMII Transmit Clock
I/F
MDI
speed
Description
Gigabit 125Mhz input.
IP1001 utilizes this clock to
sample TXD[7:0], TX_ER and
TX_EN at the rising edge.
GMII
Mode
10/100M
bps
Not used.
Gigabit 125Mhz input.
IP1001 utilizes this clock to
sample TXD[3:0] and
TX_CTL at both the rising
edge and falling edge of
GTX_CLK.
100Mbps 25Mhz input.
IP1001 utilizes this clock to
sample TXD[3:0] and
TX_CTL at both the rising
edge and falling edge.
RGMII
Mode
10Mbps 2.5Mhz input.
IP1001 utilizes this clock to
sample TXD[3:0] and
TX_CTL at both the rising
edge and falling edge.
55
--
--
TX_CLK O
MII Transmit Clock
I/F
MDI
speed
Description
Gigabit Not used.
100Mbps 25Mhz output.
IP1001 uses the clock to
sample TX_EN, TX_ER, and
TXD[3:0].
GMII
Mode
10Mbps 2.5Mhz output.
IP1001 uses the clock to
sample TX_EN, TX_ER, and
TXD[3:0].
Gigabit
100Mbps
RGMII
Mode
10Mbps
Not used.
This pin should be left open
for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com