Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175ALF-DS-R02 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # IP175ALF-DS-R02
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175ALF-DS-R02 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button IP175ALF-DS-R02 Datasheet HTML 33Page - List of Unclassifed Manufacturers IP175ALF-DS-R02 Datasheet HTML 34Page - List of Unclassifed Manufacturers IP175ALF-DS-R02 Datasheet HTML 35Page - List of Unclassifed Manufacturers IP175ALF-DS-R02 Datasheet HTML 36Page - List of Unclassifed Manufacturers IP175ALF-DS-R02 Datasheet HTML 37Page - List of Unclassifed Manufacturers IP175ALF-DS-R02 Datasheet HTML 38Page - List of Unclassifed Manufacturers IP175ALF-DS-R02 Datasheet HTML 39Page - List of Unclassifed Manufacturers IP175ALF-DS-R02 Datasheet HTML 40Page - List of Unclassifed Manufacturers IP175ALF-DS-R02 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
IP175A LF
Preliminary Data Sheet
37/60
February 20, 2006
Copyright © 2004, IC Plus Corp.
IP175A LF-DS-R08
4.11
EEPROM register
ROM
MII
Pin name
Description
Default
EEPROM registers 00~01H
0[7:0]
1[7:0]
--
--
EEPROM enable register
This register should be filled with 55AA. IP175A LF will
check the specified pattern to confirm a valid EEPROM
exists. The initial setting is updated after power on reset only
if the specified pattern 55AA is found.
AA
55
ROM
MII
Pin name
Description
(LED output selection register)
Default
EEPROM registers 02H
2[7:2]
--
--
Reserved
6’b0
2[1:0] 12[15:14] LED_SEL[1:0]
Led_sel,
LED mode selection.
LED_SEL[1:0]=00: LED mode 0,
LED_SEL[1:0]=01: LED mode 1,
LED_SEL[1:0]=10: LED mode 2,
LED_SEL[1:0]=11: LED mode 3 (default)
Please refer to pin description for detail LED definition.
11
ROM
MII
Pin name
Description
Default
EEPROM registers 03H
3[7:0]
--
--
Reserved
8’b0
ROM
MII
Pin name
Description
(Switch control register 1)
Default
EEPROM registers 04H
4.7
12.13 X_en
(LED_FULL[0])
X_en,
IEEE 802.3x flow control enable
This signal is used as pause_en for digital parts.
1: enable, 0:disable
1
4[6:5]
--
--
Reserved
2’b0
4.4
12.12 Bk_en
(LED_LINK[1])
Bk_en,
Backpressure enable
1: enable, 0: disable
1
4.3
12.10 Mac_x_en
(RXD1_0)
Mac_x_en,
External Mac port flow control enable
1: enable, 0:disable
1
4.2
12.11 Bf_stm_en
(LED_SPEED[1])
Broadcast storm enable
1: enable
Drop the incoming packet if the number of queued broadcast
packet is over the threshold. The threshold is defined in
register 0AH[14:13].
0: disable
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com