Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175ALF-DS-R02 Datasheet(PDF) 51 Page - List of Unclassifed Manufacturers

Part # IP175ALF-DS-R02
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175ALF-DS-R02 Datasheet(HTML) 51 Page - List of Unclassifed Manufacturers

Back Button IP175ALF-DS-R02 Datasheet HTML 47Page - List of Unclassifed Manufacturers IP175ALF-DS-R02 Datasheet HTML 48Page - List of Unclassifed Manufacturers IP175ALF-DS-R02 Datasheet HTML 49Page - List of Unclassifed Manufacturers IP175ALF-DS-R02 Datasheet HTML 50Page - List of Unclassifed Manufacturers IP175ALF-DS-R02 Datasheet HTML 51Page - List of Unclassifed Manufacturers IP175ALF-DS-R02 Datasheet HTML 52Page - List of Unclassifed Manufacturers IP175ALF-DS-R02 Datasheet HTML 53Page - List of Unclassifed Manufacturers IP175ALF-DS-R02 Datasheet HTML 54Page - List of Unclassifed Manufacturers IP175ALF-DS-R02 Datasheet HTML 55Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
IP175A LF
Preliminary Data Sheet
51/60
February 20, 2006
Copyright © 2004, IC Plus Corp.
IP175A LF-DS-R08
Bit
Function
R/W
Description
Default
Auto-Negotiation Advertisement register (address 04H)
8
100BASE-TX
full
duplex
R/W
1 = 100BASE-TX full duplex is supported
0 = 100BASE-TX full duplex is not supported
1
7
100BASE-TX
R/W
1 = 100BASE-TX is supported
0 = 100BASE-TX is not supported
1
6
10BASE-T full duplex
R/W
1 = 10BASE-T full duplex is supported
0 = 10BASE-T full duplex is not supported
1
5
10BASE-T
R/W
1 = 10BASE-T is supported
0 = 10BASE-T is not supported
1
4:0
Selector Field
R/W
Use to identify the type of message being sent by
Auto-Negotiation.
00001
Bit
Function
R/W
Description
Default
Link partner ability register (address 05H) Base Page
15
Next Page
RO
1 = Next Page ability is supported by link partner
0 = Next Page ability does not supported by link partner
0
14
Acknowledge
RO
1 = Link partner has received the ability data word
0 = Not acknowledge
0
13
Remote Fault
RO
1 = Link partner indicates a remote fault
0 = No remote fault indicate by link partner
If this bit is set to logic 1, then bit 1.4 (Remote fault) will set
to logic 1.
0
12:11 Reserved
RO
Reserved by IEEE for future use, write as 0, read as 0.
0
10
Pause
RO
1 = Link partner support IEEE802.3x
0 = Link partner does not support IEEE802.3x
IP175A LF will reload the default value after rest or link
failure.
1
9
100BASE-T4
RO
1 = Link partner support 100BASE-T4
0 = Link partner does not support 100BASE-T4
0
8
100BASE-TX
full
duplex
RO
1 = Link partner support 100BASE-TX full duplex
0 = Link partner does not support 100BASE-TX full duplex
0
7
100BASE-TX
RO
1 = Link partner support 100BASE-TX
0 = Link partner does not support 100BASE-TX
0
6
10BASE-T
full
duplex
RO
1 = Link partner support 10BASE-T full duplex
0 = Link partner does not support 10BASE-T full duplex
0
5
10BASE-T
RO
1 = Link partner support 10BASE-T
0 = Link partner does not support 10BASE-T
0
4:0
Selector Field
RO
Protocol selector of the link partner
00000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com