Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175ALF-DS-R02 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # IP175ALF-DS-R02
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175ALF-DS-R02 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button IP175ALF-DS-R02 Datasheet HTML 44Page - List of Unclassifed Manufacturers IP175ALF-DS-R02 Datasheet HTML 45Page - List of Unclassifed Manufacturers IP175ALF-DS-R02 Datasheet HTML 46Page - List of Unclassifed Manufacturers IP175ALF-DS-R02 Datasheet HTML 47Page - List of Unclassifed Manufacturers IP175ALF-DS-R02 Datasheet HTML 48Page - List of Unclassifed Manufacturers IP175ALF-DS-R02 Datasheet HTML 49Page - List of Unclassifed Manufacturers IP175ALF-DS-R02 Datasheet HTML 50Page - List of Unclassifed Manufacturers IP175ALF-DS-R02 Datasheet HTML 51Page - List of Unclassifed Manufacturers IP175ALF-DS-R02 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
IP175A LF
Preliminary Data Sheet
48/60
February 20, 2006
Copyright © 2004, IC Plus Corp.
IP175A LF-DS-R08
4.12
The basic MII registers
Type
Description
R/W
Read/Write
SC
Self-Clearing
RO
Read Only
Type
Description
LL
Latching Low
LH
Latching High
Bit
Function
R/W
Description
Default
MII control register (address 00H)
15
Reset
Not supported
0
14
Loop back
R/W
1 = Loopback mode
0 = normal operation
When this bit set, IP175A LF will be isolated from the
network media, that is, the assertion of TXEN at the MII will
not transmit data on the network. All MII transmission data
will be returned to MII receive data path in response to the
assertion of TXEN.
0
13
Speed Selection
RW
1 = 100Mbps
0 = 10Mbps
It is valid only if bit 0.12 is set to be 0.
1
12
Auto-Negotiation
Enable
RW
1 = Auto-Negotiation Enable
0 = Auto-Negotiation Disable
If port 4 is a fiber port, FXSD higher than 0.6v, this bit is fixed
at 0.
1
11
Power Down
R/W
Not supported
0
10
Isolate
Not supported
0
9
Restart Auto-
Negotiation
RW
SC
1 = re-starting Auto-Negotiation
0 = Auto-Negotiation re-start complete
Setting this bit to logic high will cause IP175A LF to restart
an Auto-Negotiation cycle, but depending on the value of bit
0.12 (Auto-Negotiation Enable). If bit 0.12 is cleared then
this bit has no effect, and it is Read Only. This bit is
self-clearing after Auto-Negotiation process is completed.
0
8
Duplex mode
R/W
1 = full duplex
0 = half duplex
It is valid only if bit 0.12 is set to be 0.
0
7
Collision test
R/W
Not supported
0
6:0
Reserved
R/W
Write as 0, ignore on read
-
Bit
Function
R/W
Description
Default
MII status register (address 01H)
15
100Base-T4
capable
RO
1 = 100Base-T4 capable
0 = not 100Base-T4 capable
IP175A LF does not support 100Base-T4. This bit is fixed to
be 0.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com