Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP175C-DS-R01 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # IP175C-DS-R01
Description  5 Port 10/100 Ethernet Integrated Switch
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP175C-DS-R01 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button IP175C-DS-R01 Datasheet HTML 10Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 11Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 12Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 13Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 14Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 15Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 16Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 17Page - List of Unclassifed Manufacturers IP175C-DS-R01 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 111 page
background image
IP175C/IP175C LF/IP175CH/IP175CH LF
Data Sheet
14/111
Mar 09, 2007
Copyright © 2004, IC Plus Corp.
IP175C/IP175CH-DS-R14
Pin description (continued)
Pin No.
Label
Type
Description
MII pins used as initial setting (the setting is latched at the end of reset)
69
FILTER_RSV _DA
IPL
Filter packets with reserved DA (0180c20002~f)
1: Filter the packets
0: Forward the packets (default)
It is valid only if p4ext is pulled LOW.
66
LONG_PKT
IPL
Max forwarded packet length
1: 1552 bytes
0: 1536 bytes (default)
It is valid only if p4ext is pulled low.
65
AGING
IPH2
Address aging enable
1: enable, aging time is around 280s (default),
0: disable
It is recommended to disable the aging function, if port-locking
function is enabled.
It is valid only if p4ext is pulled low.
64
P4_HIGH
IPL2
Port4 is set to be high priority port
1: enable,
0: disabled (default)
Packets received from port4 are handled as high priority packets
if the feature is enabled.
It is valid only if p4ext is pulled low.
63
COS_EN
IPL2
Class of service enable
1: enable
0: disabled (default)
Packets with high priority tag are handled as high priority
packets for all ports if the feature is enabled.
It is valid only if p4ext is pulled low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com